Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 8Page - Dallas Semiconductor DS1963S Datasheet HTML 9Page - Dallas Semiconductor DS1963S Datasheet HTML 10Page - Dallas Semiconductor DS1963S Datasheet HTML 11Page - Dallas Semiconductor DS1963S Datasheet HTML 12Page - Dallas Semiconductor DS1963S Datasheet HTML 13Page - Dallas Semiconductor DS1963S Datasheet HTML 14Page - Dallas Semiconductor DS1963S Datasheet HTML 15Page - Dallas Semiconductor DS1963S Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
DS1963S
12 of 37
Memory and SHA Function Flow Chart Figure 7
Spare
Vertical
F0h
Read Memory
?
TA1(T7:T0), TA2 (T15:T8)
Bus Master TX
CHLG = 0 ; AUTH = 0
Address
< 2B0h ?
Address = (T15:T0)
DS1963S sets Memory
3Ch
Match Scratch-
pad
?
R
CHLG = 0 ; MATCH = 0
SP Offset = 27
DS1963S sets Scratch-
pad Offset = 8 decimal
S
DS1963S TX "1"
Master
TX Reset ?
N
N
Y
Master
TX Reset ?
Y
N
N
Y
increments
DS1963S
SP. Offset
Bus Master TX Memory or
SHA Function Command
From ROM Functions
Flow Chart (Figure 10)
To ROM Functions
Flow Chart (Figure 10)
To Figure 7
2nd Part
From Figure 7
2nd Part
YY
NN
N
Bus Master
RX "1"s
Y
N
Y
Address
< 2AFh ?
N
Master
TX Reset ?
Y
N
Bus Master
RX "1"s
increments
DS1963S
Address
Counter
Data Byte from
Bus Master RX
Memory Address
Master
TX Reset ?
Y
N
Bus Master RX
FFh byte
Pages
16 to 17 ?
Y
AUTH=1?
Y
N
DS1963S TX "0"
DS1963S TX CRC16 of
Command and Data
AUTH=0; MATCH=1
Bus Master TX
data byte
Data Bytes
Match ?
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com