Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 12Page - Dallas Semiconductor DS1963S Datasheet HTML 13Page - Dallas Semiconductor DS1963S Datasheet HTML 14Page - Dallas Semiconductor DS1963S Datasheet HTML 15Page - Dallas Semiconductor DS1963S Datasheet HTML 16Page - Dallas Semiconductor DS1963S Datasheet HTML 17Page - Dallas Semiconductor DS1963S Datasheet HTML 18Page - Dallas Semiconductor DS1963S Datasheet HTML 19Page - Dallas Semiconductor DS1963S Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
DS1963S
16 of 37
Memory and SHA Function Flow Chart (continued) Figure 7
Y
DS1963S TX "0"
DS1963S TX "1"
Master
TX Reset ?
Master
TX Reset ?
N
N
Y
Y
SHA
Finished ?
N
Bus Master
RX "1"s
SHA Engine computes
Message Authentication Code
of secret of selected page,
data of the selected page,
3 bytes scratchpad data
Serial Number of device and
page W/C Counter, page #,
Y
N
Master TX
Reset?
Master
TX Reset ?
Bus Master RX data byte
from memory address
DS1963S sets memory
address = (T15:T0)
Address
< 200h ?
S
of Command, Address,
Bus Master RX CRC16
data and counter values
Bus Master RX Secret
Counter of selected page
Bus Master RX W/C
Counter of selected page
End
Of Page ?
Y
N
Master
TX Reset ?
Bus Master
RX "1"s
Y
Y
N
N
R
A5h
Read Auth.
Page
?
Bus Master TX
TA1(T7:T0), TA2(T15:T8)
Y
N
AUTH = 0
CHLG = 0
N
Y
Spare
Vertical
From Figure 7
4th part
From Figure 7
6th part
To Figure 7
6th part
To Figure 7
4th part
º
Ù
X = 0 ; M = MATCH
(TA1[7:6]
SEC#[2:1])
T4:T0 = 00000b
DS1963S
address
increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com