Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 16Page - Dallas Semiconductor DS1963S Datasheet HTML 17Page - Dallas Semiconductor DS1963S Datasheet HTML 18Page - Dallas Semiconductor DS1963S Datasheet HTML 19Page - Dallas Semiconductor DS1963S Datasheet HTML 20Page - Dallas Semiconductor DS1963S Datasheet HTML 21Page - Dallas Semiconductor DS1963S Datasheet HTML 22Page - Dallas Semiconductor DS1963S Datasheet HTML 23Page - Dallas Semiconductor DS1963S Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
DS1963S
20 of 37
performing an Authenticate Host command should have first performed the Compute Challenge function
in order to fill the scratchpad with pseudo-random data.
Compute SHA Functions (continued) Figure 8
SHA Engine computes
Message Authentication Code
of secret of the selected page,
data of the selected page and
15 bytes of scratchpad data
SHA Engine computes
Message Authentication Code
data of the selected page and
15 bytes of scratchpad data
of secret of the selected page,
SHA Engine computes
Message Authentication Code
of secret of selected page,
data of the selected page,
3 bytes of scratchpad data
Serial Number of device and
PRNG Counter,
Page =
0 or 8 ?
Y
Page =
0 or 8 ?
Page =
0 or 8 ?
Y
Y
N
N
N
SUCCESS
SUCCESS
SUCCESS
FAIL
FAIL
N
C3h
Sign Data
Page
N
CCh
Compute
Challenge
AAh
Authenticate
Host
?
N
?
º
Ù
M = MATCH
(TA1[7:6]
SEC#[2:1])
AUTH = 0
X = 0 ; CHLG = 0
T4:T0 = 00000b
AUTH = 0 ; MATCH = 0
M = 0 ; X = 1; CHLG = 1
T4:T0 = 00000b
?
HIDE = 1 ; MATCH = 0
M = 0 ; X = 1
T4:T0 = 00000b
CHLG = 1 ?
N
º
AUTH = (TA1[7:5]
SEC#)
CHLG = 0
To Compute SHA Command (Figure 7)
Y
From previous page
Y
Y
Y
SEC# = TA1[7:5]
The Compute Challenge function stores the upper 3 bits of TA1 in a latch called SEC#, which is next
used with the Authenticate Host function. Only if Authenticate Host and Compute Challenge call upon
the same memory page (same secret) will the AUTH-flag be set. This prevents the AUTH-flag from
being set with the secret of another page that may belong to a different application or service provider.
The two most significant bits of SEC# are also used with Validate Data Page, Sign Data Page and Read
Authenticated Page when determining the M control bit. This makes a difference only for those
applications that use host/user authentication. The M control bit is only set if the MATCH-flag is set and
the target memory page is adjacent to the page that was used for authentication. This allocates one pair of
secrets (0 and 1, 2 and 3, 4 and 5, 6 and 7) and the pages associated with these secrets to one service
provider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com