Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 21Page - Dallas Semiconductor DS1963S Datasheet HTML 22Page - Dallas Semiconductor DS1963S Datasheet HTML 23Page - Dallas Semiconductor DS1963S Datasheet HTML 24Page - Dallas Semiconductor DS1963S Datasheet HTML 25Page - Dallas Semiconductor DS1963S Datasheet HTML 26Page - Dallas Semiconductor DS1963S Datasheet HTML 27Page - Dallas Semiconductor DS1963S Datasheet HTML 28Page - Dallas Semiconductor DS1963S Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DS1963S
25 of 37
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances the
DS1963S is a slave device. The bus master is typically a microcontroller or PC. For small configurations
the 1-Wire communication signals can be generated under software control using a single port pin. For
multisensor networks, the DS2480B 1-Wire line driver chip or serial port adapters based on this chip
(DS9097U series) are recommended. This simplifies the hardware design and frees the microprocessor
from responding in real-time.
The discussion of this bus system is broken down into three topics: hardware configuration, transaction
sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in
terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from
the bus master. For a more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton
Standards.
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open
drain or tri-state outputs. The 1-Wire port of the DS1963S is open-drain with an internal circuit
equivalent to that shown in Figure 9.
A multidrop bus consists of a 1-Wire bus with multiple slaves attached. At standard speed the 1-Wire bus
has a maximum data rate of 16.3kbits per second. The speed can be boosted to 142kbits per second by
activating the Overdrive mode. The DS1963S is not guaranteed to be fully compliant to the iButton
Standard. Its maximum data rate in standard speed mode is 15.4kbits per second and 125kbits per second
in Overdrive. The value of the pullup resistor primarily depends on the network size and load conditions.
For most applications the maximum value of 2.2k
W will be adequate.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
must be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low
for more than 16µs (Overdrive speed) or more than 120µs (standard speed), one or more devices on the
bus may be reset. With the DS1963S the bus must be left low for no longer than 15.4µs at Overdrive
speed to ensure that none of the slave devices on the 1-Wire bus performs a reset. Despite of its limited
compliance, the DS1963S will communicate properly when used in conjunction with a DS2480B 1-Wire
driver and serial port adapters that are based on this driver chip.
HARDWARE CONFIGURATION Figure 9
Open Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
100 W
MOSFET
VPUP
RX
TX
TX
RX
DATA
SEE
TEXT
5 µA
Typ.
BUS MASTER
DS1963S 1-Wire PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com