Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 29Page - Dallas Semiconductor DS1963S Datasheet HTML 30Page - Dallas Semiconductor DS1963S Datasheet HTML 31Page - Dallas Semiconductor DS1963S Datasheet HTML 32Page - Dallas Semiconductor DS1963S Datasheet HTML 33Page - Dallas Semiconductor DS1963S Datasheet HTML 34Page - Dallas Semiconductor DS1963S Datasheet HTML 35Page - Dallas Semiconductor DS1963S Datasheet HTML 36Page - Dallas Semiconductor DS1963S Datasheet HTML 37Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
DS1963S
37 of 37
Non-Compliance Table for TA = -20°C to +85°C
Standard Values
DS1963S Values
Parameter
Standard Speed
Overdrive Speed
Standard Speed
Overdrive Speed
Name
min
max
min
max
min
max
min
max
tSLOT
61µs
(undef.)
7µs
(undef.)
65µs
(undef.)
8µs
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
480µs
960µs
48µs
80µs
tPDH
15µs
60µs
2µs
6µs
17µs
60µs
1.8µs
6µs
tPDL
60µs
240µs
8µs
24µs
78µs
240µs
7.7µs
24µs
tW0L
60µs
120µs
6µs
16µs
60µs
120µs
6µs
15.4µs
tSLS, tSPD
15µs
60µs
2µs
6µs
19µs
60µs
2µs
4.8µs
Expected Service Life vs Temperature
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
-40
-30
-20
-10
0
1020
30
4050
60
7080
Temperature (°C)
Every 0.1s (315 Million SHAs/year)
Every 0.2s (157 Million SHAs/year)
Every 0.5s (63 Million SHAs/year)
Every 1s (31 Million SHAs/year)
Every 2s (15 Million SHAs/year)
Every 5s (6 Million SHAs/year)
Every 100s (0.3 Million SHAs/year)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com