Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 26Page - Dallas Semiconductor DS1963S Datasheet HTML 27Page - Dallas Semiconductor DS1963S Datasheet HTML 28Page - Dallas Semiconductor DS1963S Datasheet HTML 29Page - Dallas Semiconductor DS1963S Datasheet HTML 30Page - Dallas Semiconductor DS1963S Datasheet HTML 31Page - Dallas Semiconductor DS1963S Datasheet HTML 32Page - Dallas Semiconductor DS1963S Datasheet HTML 33Page - Dallas Semiconductor DS1963S Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
DS1963S
30 of 37
correct ROM and memory function command. In a mixed population network, the reset low time tRSTL
needs to be long enough for the slowest 1-Wire slave device to recognize it as a reset pulse. This duration
is 480µs at standard speed and 48µs at Overdrive speed. If the bus master uses slew-rate control on the
falling edge, it must pull down the line for tRSTL + tF to compensate for the edge. A tRSTL duration of
480µs or longer will exit the Overdrive Mode returning the device to standard speed. If the DS1963S is in
Overdrive Mode and tRSTL is no longer than 80µs, the device will remain in Overdrive Mode.
After the bus master has released the line it goes into receive mode (RX). Now, the 1-Wire bus is pulled
to VPUP via the pullup resistor or, in case of a DS2480B driver, by active circuitry. When the threshold
VTH is crossed, the DS1963S waits for tPDH and then transmits a Presence Pulse by pulling the line low for
tPDL. To detect a presence pulse, the master must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is
expired, the DS1963S is ready for data communication. In a mixed population network, tRSTH should be
extended to minimum 480µs at standard speed and 48µs at Overdrive speed to accommodate other 1-
Wire devices.
INITIALIZATION PROCEDURE (RESET AND PRESENCE PULSES) Figure 11
RESISTOR
MASTER
DS1963S
tRSTL
tPDL
tRSTH
tPDH
MASTER TX RESET PULSE
MASTER RX PRESENCE PULSE
VPUP
VIHMASTER
VTH
VTL
VILMAX
0V
e
tF
tREC
tMSP
Read/Write Time Slots
Data communication with the DS1963S takes place in time slots that carry a single bit each. Write time
slots transport data from bus master to slave. Read time-slots transfer data from slave to master. The
definitions of the write and read time slots are illustrated in Figure 12.
All communication begins with the master pulling the data line low. As the voltage on the 1-Wire line
falls below the threshold VTL, the DS1963S starts its internal timing generator that determines when the
data line will be sampled during a write time slot and how long data will be valid during a read time slot.
Master to Slave
For a write-one time slot, the voltage on the data line must have crossed the VTHMAX threshold after the
write-one low time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay
below the VTHMIN threshold until the write-zero low time tW0LMIN is expired. For most reliable
communication the voltage on the data line should not exceed VILMAX during the entire tW0L window.
After the VTHMAX threshold has been crossed, the DS1963S needs a recovery time tREC before it is ready
for the next time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com