Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 29Page - Dallas Semiconductor DS1963S Datasheet HTML 30Page - Dallas Semiconductor DS1963S Datasheet HTML 31Page - Dallas Semiconductor DS1963S Datasheet HTML 32Page - Dallas Semiconductor DS1963S Datasheet HTML 33Page - Dallas Semiconductor DS1963S Datasheet HTML 34Page - Dallas Semiconductor DS1963S Datasheet HTML 35Page - Dallas Semiconductor DS1963S Datasheet HTML 36Page - Dallas Semiconductor DS1963S Datasheet HTML 37Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
DS1963S
34 of 37
PHYSICAL SPECIFICATION
Size
See mechanical drawing
Weight
3.3 grams
Expected Service Life
See graphic
Safety
Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approval under Entity Concept for use
in Class I, Division 1, Group A, B, C and D
Locations (application pending)
ABSOLUTE MAXIMUM RATINGS*
IO Voltage to GND
-0.5V, +6V
IO sink current
20mA
Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-25°C to +50°C
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability. These
devices must not be exposed to temperatures over +70
°C for extended time periods.
ELECTRICAL CHARACTERISTICS (VPUP = 2.8V to 5.25V, TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS NOTES
IO Pin General Data
1-Wire Pullup
Resistance
RPUP
2.2
k
W
1, 2
Input Capacitance
CIO
100
800
pF
3
Input Load Current
IL
IO pin at VPUP
9µA
4
High-to-Low
Switching Threshold
VTL
0.7
2.9
V
5, 6, 7
Input Low Voltage
VIL
0.30
V
1, 5, 8
Low-to-High
Switching Threshold
VTH
0.6
2.9
V
5, 6, 9
Output Low Voltage
at 4mA
VOL
0.4
V
5, 10
Fall Time
tF
5µs
1
Recovery Time
tREC
Standard Speed,
RPUP=2.2k
W
5
µs
1, 15
Overdrive Speed,
RPUP=2.2k
W
2
Overdrive Speed,
Directly Prior to
Reset Pulse;
RPUP=2.2k
W
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com