Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 15Page - Dallas Semiconductor DS1963S Datasheet HTML 16Page - Dallas Semiconductor DS1963S Datasheet HTML 17Page - Dallas Semiconductor DS1963S Datasheet HTML 18Page - Dallas Semiconductor DS1963S Datasheet HTML 19Page - Dallas Semiconductor DS1963S Datasheet HTML 20Page - Dallas Semiconductor DS1963S Datasheet HTML 21Page - Dallas Semiconductor DS1963S Datasheet HTML 22Page - Dallas Semiconductor DS1963S Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DS1963S
19 of 37
authentication was successful. User- and host authentication, if implemented, prevents the use of a
DS1963S as a coprocessor device since it requires several steps to get the MATCH flag set.
After transmitting the command code the bus master selects a memory page and its secret by transmitting
a target address anywhere within the page. Next the master transmits the SHA Control byte, which is a
code for one of the six SHA functions that can be performed. Next the master receives a CRC over the
command code, address, and control byte. As the CRC is received and the control byte and address were
valid the SHA engine will start immediately and compute a message authentication code as described in
Figure 8. While the SHA computation takes place the master will read all 1’s. As the computation is
finished the pattern will change to alternating 0’s and 1’s. The master must read at least 8 bits of this
alternating pattern. Otherwise the device might not properly respond to a subsequent Reset Pulse. In case
of an invalid control byte or address the master will continue reading all 1’s until it issues a Reset Pulse.
The exact location of the various data segments as they enter the input buffer of the SHA engine is shown
in Table 2.
Compute SHA Functions Figure 8
SHA Engine computes
Message Authentication Code
of a NULL secret,
data of the selected page and
15 bytes of scratchpad data
SUCCESS
SHA Engine computes
Message Authentication Code
of secret of the selected page,
data of the selected page and
15 bytes of scratchpad data
SUCCESS
SUCCESS
X = 0 ; HIDE = 1
CHLG = 0 ; AUTH = 0
T4:T0 = 00000b
N
From Compute SHA
Command (Figure 7)
0Fh
Compute 1st
Secret
?
N
F0h
Compute next
Secret
?
N
3Ch
Validate Data
Page
?
Continued
below
SHA Engine computes
Message Authentication Code
of secret of the selected page,
data of the selected page and
15 bytes of scratchpad data
HIDE = 1 ; CHLG = 0
AUTH = 0 ; MATCH = 0
M = 0 ; X = 0
HIDE = 1 ; CHLG = 0
AUTH = 0 ; MATCH = 0
M = 0 ; X = 0
º
Ù
M = MATCH
(TA1[7:6]
SEC#[2:1])
To Compute SHA Command (Figure 7)
Y
Y
Y
E4:E0 = 11111b
E4:E0 = 11111b
Read Authenticated Page and Compute Challenge allow the master to input a 3-byte “challenge” in the
computation via scratchpad locations 20 through 22. All other data is taken from the selected memory
page, associated secret, cycle counter, ROM Registration number and flags. With Compute First Secret
and Compute Next Secret the scratchpad locations 8 through 22 need to be filled with a partial secret
before the SHA computation takes place. A coprocessor device performing a Validate Data Page or Sign
Data Page command must have in scratchpad bytes 8 through 11 the (incremented) value of the cycle
counter of the selected memory page of the roaming device, and it must have in bytes 13 through 19 the
ROM Registration Number (without CRC), and in byte 12 the page number. A roaming device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com