Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 19Page - Dallas Semiconductor DS1963S Datasheet HTML 20Page - Dallas Semiconductor DS1963S Datasheet HTML 21Page - Dallas Semiconductor DS1963S Datasheet HTML 22Page - Dallas Semiconductor DS1963S Datasheet HTML 23Page - Dallas Semiconductor DS1963S Datasheet HTML 24Page - Dallas Semiconductor DS1963S Datasheet HTML 25Page - Dallas Semiconductor DS1963S Datasheet HTML 26Page - Dallas Semiconductor DS1963S Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
DS1963S
23 of 37
Device Flag Summary Table 3
Command, Function or Condition
HIDE
CHLG
AUTH
MATCH
Return to Probe Condition
SET
-----
-----
-----
Read Memory Command
-----
CLEARED
CLEARED
-----
Match Scratchpad Command
-----
CLEARED
CLEARED
Note 1)
Write Scratchpad Command
-----
CLEARED
CLEARED
-----
Read Scratchpad Command
-----
-----
-----
-----
Erase Scratchpad Command
CLEARED
CLEARED
CLEARED
-----
Copy Scratchpad Command
-----
CLEARED
CLEARED
-----
Read Authenticated Page Command
-----
CLEARED
CLEARED
-----
Validate Data Page Function
SET
CLEARED
CLEARED
-----
Sign Data Page Function
-----
CLEARED
CLEARED
-----
Compute Challenge Function
-----
SET
CLEARED
CLEARED
Authenticate Host Function
SET
CLEARED
Note 2)
CLEARED
Compute first Secret Function
SET
CLEARED
CLEARED
CLEARED
Compute next Secret Function
SET
CLEARED
CLEARED
CLEARED
1) The flag is SET if the data matches and the AUTH flag was set before command execution;
otherwise the flag is CLEARED. Setting the MATCH flag requires the successful execution of
Compute Challenge, Authenticate Host and Match Scratchpad in an uninterrupted sequence.
2) Is SET only if CHLG flag was set before command execution; otherwise is cleared.
SHA-1 COMPUTATION ALGORITHM
This description of the SHA computation is adapted from the Secure Hash Standard SHA-1 document
referenced on page 2 of this data sheet. The algorithm takes as its input data 16, 32-bit words Mt (0 £ t £
15), as shown in Table 2, SHA-1 Input Message Formats. The SHA computation involves a sequence of
eighty 32-bit words called Wt (0 £ t £ 79), a sequence of eighty 32-bit words called Kt (0 £ t £ 79), a
Boolean function ft (B, C, D) (0 £ t £ 79) with B, C and D being 32-bit words, and three more 32-bit
words called A, E and TMP. The operations required for the SHA computation are arithmetic addition
without carry (“+”), logical inversion or 1’s complement (“\”), EXCLUSIVE OR (“
Å”), logical AND
(“
Ù”), logical OR (“Ú”), assignment (“:=”), and circular shifting within a 32-bit word. The expression
“Sn(X)” represents a circular shift of X by n positions to the left, with X being a 32-bit word.
The function ft is defined as follows:
ft(B,C,D) = (B Ù C) Ú ((B\) Ù D)
(0
£ t £ 19)
B
Å C Å D
(20
£ t £ 39)
(B
Ù C) Ú (B Ù D) Ú (C Ù D)
(40
£ t £ 59)
B
Å C Å D
(60
£ t £ 79)
The sequence Wt (0 £ t £ 79) is defined as follows:
Wt := Mt
(0
£ t £ 15)
S1(Wt-3 Å Wt-8 Å Wt-14 Å Wt-16)
(16
£ t £ 79)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com