Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 36 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 36 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 29Page - Dallas Semiconductor DS1963S Datasheet HTML 30Page - Dallas Semiconductor DS1963S Datasheet HTML 31Page - Dallas Semiconductor DS1963S Datasheet HTML 32Page - Dallas Semiconductor DS1963S Datasheet HTML 33Page - Dallas Semiconductor DS1963S Datasheet HTML 34Page - Dallas Semiconductor DS1963S Datasheet HTML 35Page - Dallas Semiconductor DS1963S Datasheet HTML 36Page - Dallas Semiconductor DS1963S Datasheet HTML 37Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
DS1963S
36 of 37
NOTES
1) System requirement.
2) Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system
and 1-Wire recovery times. The specified value here applies to systems with only one device and
with the minimum 1-Wire recovery times. For more heavily loaded systems, an active pullup such
as that found in the DS2480 may be required.
3) Capacitance on the data pin could be 800pF when power is first applied. If a 2.2kW resistor is
used to pull up the data line to VPUP; the parasite capacitance will not affect normal
communications 2.5µs after power has been applied.
4) Input load is to ground.
5) All voltages are referenced to ground.
6) VTL, VTH are a function of the internal supply voltage.
7) Voltage below which, during a falling edge on IO, a logic 0 is detected.
8) The voltage on IO needs to be less or equal to VILMAX whenever the master drives the line low.
9) Voltage above which, during a rising edge on IO, a logic 1 is detected.
10) The I-V characteristic is linear for voltages less than 1V.
11) e is the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH.
12) d represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the
input high threshold of the bus master.
13) The number of SHA-1 computations possible with the built-in energy source depends on the
operating and storage temperature of the device.
14) Highlighted numbers are not in compliance with the published iButton standards. See comparison
tables below.
15) The recovery time was intentionally increased from the standard value of 1µs to a longer value to
improve the parasitic power supply of the device. This change improves the performance of the
chip and is not considered a non-compliance to the published standard.
Non-Compliance Table for TA = -40°C to +85°C
Standard Values
DS1963S Values
Parameter
Standard Speed
Overdrive Speed
Standard Speed
Overdrive Speed
Name
min
max
min
max
min
max
min
max
tSLOT (incl. tREC) 61µs
(undef.)
7µs
(undef.)
69µs
(undef.)
8µs
(undef.)
tRSTL
480µs
(undef.)
48µs
80µs
540µs
960µs
48µs
80µs
tPDH
15µs
60µs
2µs
6µs
17µs
60µs
1.8µs
6µs
tPDL
60µs
240µs
8µs
24µs
78µs
260µs
7.7µs
24µs
tW0L
60µs
120µs
6µs
16µs
64µs
120µs
6µs
15.4µs
tSLS, tSPD
15µs
60µs
2µs
6µs
19µs
64µs
2µs
4.8µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com