Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 10Page - Dallas Semiconductor DS1963S Datasheet HTML 11Page - Dallas Semiconductor DS1963S Datasheet HTML 12Page - Dallas Semiconductor DS1963S Datasheet HTML 13Page - Dallas Semiconductor DS1963S Datasheet HTML 14Page - Dallas Semiconductor DS1963S Datasheet HTML 15Page - Dallas Semiconductor DS1963S Datasheet HTML 16Page - Dallas Semiconductor DS1963S Datasheet HTML 17Page - Dallas Semiconductor DS1963S Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
DS1963S
14 of 37
Memory and SHA Function Flow Chart (continued) Figure 7
AAh
Read Scratch-
pad
?
HIDE = 1 ?
Y
N
Y
Offset
= 11111b ?
N
Master
TX Reset ?
increments
DS1963S
SP. Offset
Y
N
TA1 (T7:T0),TA2 (T15:T8)
Bus Master RX
and E/S Byte
pad Offset = (T4:T0)
DS1963S sets Scratch-
S
Scratchpad Offset
Bus Master RX
Data Byte from
Bus Master RX
FFh Byte
Master
TX Reset ?
N
Y
Bus Master
RX "1"s
C3h
Erase Scratch-
Pad
?
Bus Master TX
TA1(T7:T0), TA2(T15:T8)
Y
N
AUTH = 0
CHLG = 0
Erase
Finished ?
N
Bus Master
RX "1"s
DS1963S fills the
whole scratchpad
with FFh bytes
R
Y
DS1963S TX "0"
DS1963S TX "1"
Master
TX Reset ?
Master
TX Reset ?
N
N
Y
Y
From Figure 7
2nd part
Spare
Vertical
From Figure 7
4th part
To Figure 7
4th part
To Figure 7
2nd part
Y
N
HIDE = 0
of Command, Address, E/S
Bus Master RX CRC16
Byte and data (HIDE = 0)
or FFh (HIDE = 1) starting
at the Scratchpad Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com