Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 18 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 18 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
2.2. General Hardware Configuration
The general hardware configuration section covers all design aspects for an epc600 circuit.
2.3. Power Supply, Clock generation
The external voltage supplies are +8.5V DC as a main supply and -5.0V DC as a bias voltage. Both supplies need to be stable, well regu -
lated and with a low level of noise and ripple voltage (because the epc600 chip is a sensitive, highly amplifying device).
All other necessary voltages are generated on-chip. The internally generated voltage levels VSC (see Table 4) have to be taken into consid-
eration in order to choose the right components for the design.
All necessary power supply decouplings and the supply of the external reference clock have to be designed according to Figure 20 and
Table 7. Capacitors C3 – C9 are used for decoupling of the internally generated voltages.
The Schottky diode D1 is vital to ensure a correct power-up of the device.
C3
LED
NC3
NC4
VREF
VDDIO
VDDHPX
VDDPX
VDDCP
VDDBS
XTAL1
XTAL2
GNDM
VDDT
SDATA
SCLK
HLLED/NC2
NC1
VDDPLL
VDDCORE
GNDLED
GNDPLL
GNDA
GND
VDD
epc600
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C6
C8
C4
C5
C7
C9
+
C2
C1
VDD +8.5V
GND
D1
C10
C11
Y1
VDDBS -5.0V
R1
R2
+5V
R3
Figure 20: Main power supply decoupling and clock supply
Part No. Pin
Pin No.
Component value
Min.
Nom.
Max.
VSC
Type
C1
VDD
10
10μF
+8.5V
C2
VDD
10
1μF
+8.5V
Ceramic X7R
C3
VDDCORE
2
1μF
1μF
3.3μF
+1.8V
Ceramic X7R
C4
VDDPLL
17
1μF
1μF
3.3μF
+1.8V
Ceramic X7R
C5
VDDIO
7
3.3μF
3.3μF
10μF
+5.0V
Ceramic X7R
C6
VDDPX
8
3.3μF
3.3μF
10μF
+5.0V
Ceramic X7R
C7
VDDPXH
9
3.3μF
3.3μF
6.8μF
+10V
Ceramic X7R
C8
VDDCP
11
10nF
100nF
100nF
+12V
Ceramic X7R
C9
VDDBS
6
10nF
10nF
20nF
-5.0V
Ceramic X7R
C10
XTAL1
15
27pF
+1.8V
Ceramic NP0
C11
XTAL2
16
27pF
+1.8V
Ceramic NP0
Y1
XTAL1 & XTAL2
15 & 16
4 MHz
Crystal-oscillator
D1
VDD & VDDCP
10 & 11
Schottky diode
R1
HLLED
1
1kOhm
+5.0V
Resistor
R2
NC4
14
zero Ohm
+5.0V
Resistor
R3
SDATA
19
see chapter 2-wire serial interface
+5.0V
Resistor
Leave open the pins NC1, NC3 and VREF. They do not require any termination.
Table 7: Component values
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
18 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com