Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp EPC600 Datasheet HTML 10Page - Espros Photonics corp EPC600 Datasheet HTML 11Page - Espros Photonics corp EPC600 Datasheet HTML 12Page - Espros Photonics corp EPC600 Datasheet HTML 13Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Functional Description
This manual is arranged in the following sections:
■ Operation
This general description of the operation and the functionalities is targeted at the user and application level.
■ Hardware Design
All information regarding hardware design aspects are covered here.
■ Instruction Set
Contains a detailed description of the data communication and the command set.
■ Optical Design Considerations
The chapter where the user finds some design guidelines for developing appropriate optics and illumination for the device.
1. Operation
1.1. Introduction
The epc600 chip is based on the 3D-TOF principle. Modulated light is sent out by a transmitter. This light is then reflected by the object to
be detected and the returning light is sampled by a photosensitive sensor. The receiver compares the phase difference between the emit-
ted and the received light and computes the time difference of the “time-of-flight”. This value multiplied by the speed of light (ca.
300'000km/sec) and divided by 2 corresponds directly to the distance.
epc600
device
Backscattered light with a time delay
dependent on the distance between
the object and the device
Object
Figure 10: The time-of-flight principle
1.2. General overview
The epc600 chip is designed to enable simple and cost effective system designs. Together with a tiny microprocessor and few external
components, a very low cost but fully functional TOF sensor system can be built (refer to Figure 11).
The epc600 system-on-chip contains:
■ A full data acquisition path with a power driver for the LED, the photo-receiver, the signal conditioning, the A/D converter and the signal
processing.
■ An on-chip controller managing the data acquisition and the data communication.
■ A 2-wire serial interface for the command and data communication.
■ A supply-voltage power management unit.
Microprocessor
IR LED
epc600
LED
SCLK
SDATA
< 180mA
CCD
SCLK
SDATA
2-wire interface
OUT
DIST
Figure 11: Basic application
The measurement functionality supports distance and ambient-light measurement with variable integration times and on-chip temperature
measurement for drift compensation.
The sensitivity of the system can be adjusted o n the fly to the object reflectivity, the object distance and the ambient-light conditions by
means of integration time. The longer the integration time, the higher the sensitivity.
In cases where the illumination power of the built-in driver is not sufficient, the epc600 chip can also be used with an external LED driver.
This allows longer operational ranges or faster measurements, resulting in a faster response time and a reduced ambient-light sensitivity.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
9 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com