Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 15 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 15 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 11Page - Espros Photonics corp EPC600 Datasheet HTML 12Page - Espros Photonics corp EPC600 Datasheet HTML 13Page - Espros Photonics corp EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
1.3.7. Measurement sequence
A basic possible measurement flow is given in Figure 16:
■ Execute a distance measurement and check the validity and quality of the signals. If action is needed, act accordingly.
■ If the camera operates in an ambient-light changing condition, occasionally read the ambient-light for quality check and compensation.
■ In thermally changing conditions, occasionally read the temperature for compensation.
■ Calculate, based on the correction data, the final distance value – or whatever is needed.
MEASUREMENT
distance
READ
pixel status
validity?
decrease
integration time
increase
integration time
sat. pixel > max. limit (e.g. 5)
all other
validity?
valid pixel < min. limit (e.g. 60)
READ
Q-subsample QSx
Calculate
mod. amplitude A
AC
quality?
A
AC > 1'000 LSB
A
AC < 50 LSB
all other
Calculate ratio AMR
ambient to mod. light
quality?
AMR > 60 dB (or >70dB)
all other
READ
temperature
optional, e.g. once per second
Calculate
corrected distance
continue?
no
quality?
END
measurement
A
AC
< 100 LSB
all other
yes
START
measurement
optional
MEASUREMENT
ambient-light
No object ?
Figure 16: Principle measurement flow
This flow is not only for detecting objects: It is also possible to observe and track the object (once captured).
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
15 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com