Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 20 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 20 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Mid range application design (LED supply from +8.5V)
The circuit of Figure 23 is a minimum part count design for a more powerful illumination (3 LEDs are equal to 50% more illumination ener -
gy).
The design considerations are exactly the same as before. The difference is the additional third LED3, which replaces the diodes D1A and
D1B, in order to have more powerful illumination. As it is used as a minimum part count design, the decoupling between the LED supply
circuit and the epc600 supply is not of the same quality as in the short range example before. Therefore, the layout design regarding the
noise and ripple voltage has to be done very carefully.
2.5. External LED driver
For a more powerful, sensitive or fast system application with an epc600 chip, the use of an external LED driver is an option. The design
has to take into consideration that the LEDs are modulated at high frequencies (e.g. 10MHz) and with high power. So far, the layout needs
to be well decoupled and with low Z conductors. The schematic has to follow the correct signal inversions as given in Figure 24. This is im-
portant in order to have the correct phase for the modulation.
Note: Take care that the voltage at pin LED do not exceed the specified operational range of maximum +5V.
epc600's pin LED is driven by an open drain switching transistor. The pull-up termination resistor R1 tied to the V_LOGIC supply (+5V)
guarantees safe voltage operating conditions for the output LED. The modulation signal of output LED feeds a fast inverting digital buffer
IC1. It drives the fast switching transistor T1. T1 switches the current through LED1-LEDn on/off in order to modulate the light. Output LED
= low corresponds to light = on.
As opposed to the on-chip driver, such a design can have additional light levels as the circuit in Figure 24 shows. An I/O port of the micro-
processor switches the intensity to the LOW or HIGH level. IC1 and IC2 are the necessary selecting logics to drive the transistors T1 and
T2. The illumination (current through LED1-LEDn) is controlled by R2 and R3 for the high and the low illumination level.
epc600
LED
GND
VDD
GND
C1
100nF
VDD +8.5V
Microprocessor
SCLK
SDATA
SCLK
SDATA
2-wire interface
HIGH
GNDLED
T1
LED1
LEDn
T2
R3
R2
+
C2
C3
GND_LED
V_LED
R1
V_LOGIC
LOW
IC1
IC2
Figure 24: Long range or fast response application (principal schematic)
Advantages of this circuit are: the free design of the illumination power (number of LEDs), the additional selectable light levels for extend -
ing the operational range, the independent voltage supply for the LEDs and the strong decoupling of the epc600 supply and LED circuitry.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
20 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com