Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 22 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 22 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
t
DR
t
DH
t
H
CLK1
CLK2
CLKn
HIGH
t
rfSCLK
t
rfSCLK
t
L
t
SCKL
MSB
LSB
S
t
S
t
LSBH
Sender pulls SDATA to low:
Hand-shake signal for WRITE
Sender changes mode:
from WRITE to IDLE
Idle
Sender writes to SDATA
Idle
IDLE
IDLE
SCLK
SDATA
LOW
LOW
high-ohmic
Figure 26: General waveforms for 2-wire transmission (telegram)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SCLK
2-wire serial clock
SDATA
Serial data, bidirectional transmission
tSCLK
Cycle time of SCLK
100
ns
tH
High period of SCLK
50
ns
tL
Low period of SCLK (refer to ERROR handling)
50ns
1.0ms
trfSCLK
Rise or fall time of SCLK (20% - 80% of signal amplitude)
10
ns
tS
First negative SCLK edge after negative edge of SDATA
100
ns
tDR
Data ready before positive SCLK edge
50
ns
tDH
Data hold after positive SCLK edge
0
ns
tLSBH
Data hold after positive SCLK edge of last bit transmitted (LSB)
0
ns
Table 8: General timing 2-wire transmission
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
22 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com