Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 19 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 19 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp EPC600 Datasheet HTML 18Page - Espros Photonics corp EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
2.4. On-chip LED driver
A feature for the minimum part count system is the on-chip LED driver. Figure 21, Figure 22 & Figure 23 show examples for possible cir-
cuits. The design has to take in consideration that these LEDs are switched very fast (e.g. 10MHz square-wave) and with high power
(<180mA). Suggested are high speed LEDs with short switching times e.g. Osram SFH4059, Vishay VSMB2000, Stanley DNK5306. The
layout needs to be well decoupled and with low Z conductors.
Notes:
■ Take care that the voltage at pin LED do not exceed the specified operational range of maximum +5V.
■ The signal processing of the epc600 chip is based on a sine-wave modulated light-signal. All descriptions in this manual are related to
this. However, to simplify the LED driver circuit as well to reduce the power-losses of the LED, the chip uses a square-wave modulated
signal for the LED. This change together with all the other non-linear influences on the signal path leads to only a small error, which can
easily be corrected in the measurement data (refer to chapter 1.3.8. Calibration and compensations).
LEDs with a +5V supply
If a +5V supply is available, the LEDs can simply be supplied by this as shown in Figure 21. Resistor R1 limits the LED current <180mA.
For the LED power dissipation calculation, refer to chapter 3.3.6.: Cycle times & response time.
epc600
LED
GND
GND
LED1
SFH4059
LED2
SFH4059
R1
9R
C3
100nF
+
C4
10μF
Low Z, fast switching connection
GNDLED
VLED = 5V
GND_LED
Figure 21: Short range application
with +5Vdecoupled LED supply
Short range application design (LED supply from +8.5V)
The circuit in Figure 22 drives two power IR LEDs. The output LED is driven by an open drain switching transistor. The illumination intensi -
ty of the LEDs is defined by the current flowing through the resistor R1. For the output LED = on, the current of the resistor R1 is <180mA.
In order to have safe voltage operating conditions for the output LED (max. +5V), there is a minimum current of <1mA flowing through the
LED diodes and the D1 diodes in the off-state. This also gives the advantage of the enhanced switching performance for the LEDs. This
off-current is set by the resistor R2. C3 and C4 are the charge capacitors to supply the LEDs. In order to support the required fast switch -
ing, C3 shall be of a ceramic type. The decoupling of the supply of the epc600 chip is done by C1 and C2 (ceramic type). The resistor R3
decouples the LED feeding circuit from the ep600 supply. The voltage drop of the diodes D1A and D1B adjust the voltage supply level to
the LED supply level. The advantage of this concept is that it gives a good decoupling between the epc600- and the LED-supply.
For the LED power dissipation calculation, refer to chapter 3.3.6.: Cycle times & response time.
epc600
LED
GND
VDD
GND
VDD = 8.5V
LED1
SFH4059
LED2
SFH4059
R2
4k7
R1
27R
C3
100nF
+
C1
10μF
GND
C2
100nF
+
C4
10μF
R3
15R
D1A
BAV99
D1B
BAV99
Low Z, fast switching connection
GNDLED
epc600
LED
GND
VDD
GND
VDD = 8.5V
LED1
SFH4059
LED2
SFH4059
LED3
SFH4059
R3
4k7
R4
27R
C3
100nF
+
C1
10μF
GND
C2
100nF
Low Z, fast switching connection
GNDLED
Figure 22: Short range application
with a decoupled LED supply
Figure 23: Mid range application
with a minimum part count circuit
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
19 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com