Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 24 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 24 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp EPC600 Datasheet HTML 27Page - Espros Photonics corp EPC600 Datasheet HTML 28Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
3.2.2. Response: Distance
Name:
Distance
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Q3
Q2
Q1
Q0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Description
Don't care
DIST [11:0]
DIST:
Distance value
Data format: unsigned 12 bit integer; Unit: LSB
For 10MHz LED modulation frequency the following values and formulas apply:
1 LSB = 0.5 cm. Minimum DIST = 0d
≙ 0m. Maximum DIST = 3'000d ≙ 15m.
The basic calculation formula is
D [cm]
= DIST⋅
1'500 cm
3'000LSB
+ DOFFSET
D
Distance in centimeters
DOFFSET
Offset compensation, needs to be evaluated by a calibration of the sensor. Refer also to
chapter Calibration and compensations.
Note:
The epc600 chip is using a sensor array with 64 pixels. The distance value output is an average calculation. Refer also to
the epc600 Handbook for more details.
3.2.3. Response: Valid & saturated pixels
Name:
Valid & saturated pixels
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Q0
D6
D5
D4
D3
D2
D1
D0
Q0
D6
D5
D4
D3
D2
D1
D0
Description
0
MAX_SAT_PIX [6:0]
0
MIN_VALID_PIX [6:0]
MIN_VALID_
PIX:
During the measurement, one of the 4 samples has used only this number of valid pixels per sample for the averaging. The
remaining pixels were detected as non-valid. A pixel is valid if the measurement value is: not in the pixel saturation and be -
low the input electronics saturation. Refer to chapter 1.3.4.: Quality of the measurement result.
Data format: unsigned 7 bit integer; Output range: 0d ... 64d.
Note: Distance values are valid as long as MIN_VALID_PIX >0 (minimum condition).
MAX_SAT_
PIX :
During the measurement, one of the 4 samples has skipped / not used this number of saturated pixels during averaging. A
pixel is marked as saturated if the sensor has detected a pixel signal value that exceeds the linear range of the pixel. Refer
to chapter 1.3.4.: Quality of the measurement result.
Data format: unsigned 7 bit integer; Output range: 0d … 64d
3.2.4. Response: Q-subsample QSx
Name:
Q-subsample QSx
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Q1
Q0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Description
0
0
QSx [13:0]
QSx:
Q-subsample x of the last measurement.
Data format: signed 14 bit integer (two's complement); Unit: LSB
For the calculation of the signal quality refer to chapter 1.3.4.: Quality of the measurement result.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
24 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com