Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC600 Datasheet HTML 1Page - Espros Photonics corp EPC600 Datasheet HTML 2Page - Espros Photonics corp EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Absolute Maximum Ratings (Note 1, 2)
Operating Ratings
Supply Voltage VDD
-0.5V to +9.5V
Operating temperature (TA)
-20°C to +65°C
Voltage to any pin except VDD
according voltage class VSC (Note 3)
-0.3V to VSC+0.3V
Humidity, non-condensing
5% to 95%
Storage temperature (TA)
-65°C to +150°C
Soldering Lead Temperature (TL), 4 sec
+260°C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see Electrical Characteristics.
Note 2: This is a highly sensitive CMOS mixed signal device with an ESD rating of JEDEC HBM class 2 (2kV to < 4kV) except for the pins
VDD, VDDIO and SCLK with an ESD rating of JEDEC HBM class 1B ( 0.5kV to < 1kV). Handling and assembly of this device should only
be done at ESD protected workstations.
Note 3: For voltage classes VSC refer to Figure 4 and Table 4.
Electrical Characteristics
Operational Ratings - unless otherwise specified.
Symbol
Parameter
Conditions / Comments
VSC
Min.
Typ.
Max.
Unit
VDD
Supply voltage at VDD
8.5V
+8.0
+8.5
+9.0
V
VDD-PP
Ripple on VDD
peak-to-peak
8.5V
100
mV
IDD-Average
Supply current
DC average , excl. LED driver current
8.5V
20
mA
IDD-Peak
Supply current
peak, excl. LED driver current
8.5V
30
mA
VDDBS
Bias voltage
no drift allowed
-5.0V
-4.9
-5.0
-5.1
V
VDDBS-PP
Ripple on VDDBS
peak-to-peak
-5.0V
50
mV
IDDBS
Bias current
-5.0V
1.0
mA
VLED
Voltage at LED
maximum
+5.0V
5.0
V
ILED-ON
Sink current at LED
open drain driver
+5.0V
180
mA
VLED-ON
Forward voltage at LED
@ ILED-ON = 180mA
+5.0V
200
mV
VDigital-OH
Output high voltage
at SDATA
+5.0V
4.5
5.2
V
VDigital-OL
Output low voltage
at SDATA
+5.0V
0
0.5
V
IDigital-OH
Output current
at SDATA, DC, average
+5.0V
0.1
mA
IDigital-OL
Output current
at SDATADC, sink current
+5.0V
8.0
mA
CDigital-Out
Load capacitance
+5.0V
30
pF
VDigital-IH
Input high voltage
at SDATA and SCLK
+5.0V
4.0
5.0
V
VDigital-IL
Input low voltage
at SDATA and SCLK
+5.0V
0
1.0
V
IDigital-In
Input leakage current
except VDDT, DC
+5.0V
1.0
μA
IDigital-In
Input current
at VDDT; DC
+5.0V
42
μA
RDOWN
Termination resistor
at VDDT; pull-down resistor
+5.0V
120
kΩ
CDigital-In
Input capacitance
+5.0V
3
pF
Table 1: Electrical characteristics
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
3 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com