Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 27 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 27 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp EPC600 Datasheet HTML 27Page - Espros Photonics corp EPC600 Datasheet HTML 28Page - Espros Photonics corp EPC600 Datasheet HTML 29Page - Espros Photonics corp EPC600 Datasheet HTML 30Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Before the microprocessor tries to set a start bit, it first checks the SDATA line according to Figure 29. SDATA = LOW indicates an ERROR.
This means that the epc600 chip signals an error status or the interface is faulty.
At the end of the transmission, the microprocessor can check, if the communication was successful: Reads the microprocessor data from
SDATA, the line must go to HIGH (IDLE) after the positive edge of the last clock cycle (refer to Figure 27 and Figure 28). Is this not the
case, the epc600 chip signals an error status or the interface is faulty. Do not use the received data, because it is uncertain, if the last
transmission was successful.
Use the reset sequence for the recovery.
3.3.4. Reset and recovery sequence sequence
Whenever necessary, the microprocessor can reset the epc600 chip. The reasons for the reset are either due to an error detection during
the transmission or in order to resynchronizing the interface. The epc600 interprets a LOW signal > 1ms on the SCLK line as a reset com -
mand for the chip (Figure 29). After reset, the communication has to restart.
NOTE: After reset sequence, the microprocessor must wait pre-defined amount of time t REC before starting with measurements (Table 9).
3.3.5. Error detection by the epc600 chip
SCLK
SDATA
Response: epc600 write cycle
uP reads SDATA
Command:
uP write cycle
epc600 reads SDATA
MSB
Command: uP write cycle
epc600 reads SDATA
Error
uP checks SDATA:
detects error
uP pulls SDATA to low:
Command hand-shake signal to epc600
uP checks SDATA:
high = continue;
low = error
Reset by uP
Idle
normal operation ...
a) epc600 detects error:
writes low to SDATA
MSB
MSB
LSB
LSB
SCLK
SDATA
MSB
Error
uP checks SDATA:
detects error
uP pulls SDATA to low:
Command hand-shake signal to epc600
uP checks SDATA:
high = continue;
low = error
Reset by uP
Idle
normal operation ...
b) epc600 detects error:
writes low to SDATA
MSB
MSB
LSB
LSB
Command:
uP write cycle
epc600 reads SDATA
Response: epc600 write cycle
uP reads SDATA
Command: uP write cycle
epc600 reads SDATA
uP polls SDATA
epc600: idle
uP polls SDATA
epc600: idle
S
S
S
S
S
Figure 30: Error detection by epc600
The epc600 chip detects if there are more falling clock edges than necessary for the transmission (see Figure 30). If it happens, the com-
munication is erroneous and the device puts the interface in an ERROR condition by pulling down SDATA = 0. To leave this state, the mi -
croprocessor has to reset the epc600 chip.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
27 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com