Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 23 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 23 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 19Page - Espros Photonics corp EPC600 Datasheet HTML 20Page - Espros Photonics corp EPC600 Datasheet HTML 21Page - Espros Photonics corp EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp EPC600 Datasheet HTML 27Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
3.2. Commands & responses
The epc600 device works on a task principle: The chip is in a idle state and performs a single measurement or a read-out on command
only (refer to Figure 13).
The microprocessor sends a command to the chip. It is processed immediately. The tasks are: Execute a measurement or read data.
When the processing of the instruction is finished, then the chip sends back the answer to the controller by default. Refer to Figure 12 and
Figure 13.
The command format always has 8 bits, including 4 bits for command itself (C0-C3) and 4 bits to set the integration length (I0-I3). Bit 7
(MSB) is transmitted first, bit 0 (LSB) last.
The response format is always 16 bits. Bit 15 (MSB) is transmitted first, bit 0 (LSB) last.
3.2.1. Command: Commands & Integration times
Name:
Command & Integration time
Bit
7
6
5
4
3
2
1
0
C3
C2
C1
C0
I3
I2
I1
I0
Description
CMD [3:0]
INT [3:0]
CMD:
Command to start the measurement with a defined integration time or to read data.
Description
CMD
INT
epc600 response
Waiting time
Read Q-subsample QS0
0001
0000
Q-subsample QS0
tACC = 3μs
Read Q-subsample QS1
0010
0000
Q-subsample QS1
tACC = 3μs
Read Q-subsample QS2
0011
0000
Q-subsample QS2
tACC = 3μs
Read Q-subsample QS3
0100
0000
Q-subsample QS3
tACC = 3μs
Read temperature
0101
0000
Temperature
tACC = 3μs
Read pixel status
0110
0100
Valid & saturated pixels
tACC = 3μs
Measurement of distance
Note: Modulated light is emitted
1000
see INT
Distance
tMEAS
Measurement of ambient-light level
Note: No light is emitted
1101
see INT
Ambient-light level
tMEAS
Don't use
Others
INT:
Sets the integration time for the measurement. T he measurement time is tMEAS = 4x integration time + 770μs.
Note: A doubling of the integration time is equal to a doubling of the illumination in the scenery.
The integration times below in the table are for a LED modulation frequency of 10MHz.
Time
INT
Time
INT
Time
INT
Time
INT
1.60 μs
0000
25.6 μs
0100
408 μs
1000
6.56 ms
1100
3.20 μs
0001
51.2 μs
0101
818 μs
1001
13.2 ms
1101
6.40 μs
0010
103 μs
0110
1.64 ms
1010
26.3 ms
1110
12.8 μs
0011
205 μs
0111
3.28 ms
1011
52.6 ms
1111
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
23 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com