Electronic Components Datasheet Search
  English  ▼

X  

EPC600 Datasheet(PDF) 29 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 29 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 22Page - Espros Photonics corp EPC600 Datasheet HTML 23Page - Espros Photonics corp EPC600 Datasheet HTML 24Page - Espros Photonics corp EPC600 Datasheet HTML 25Page - Espros Photonics corp EPC600 Datasheet HTML 26Page - Espros Photonics corp EPC600 Datasheet HTML 27Page - Espros Photonics corp EPC600 Datasheet HTML 28Page - Espros Photonics corp EPC600 Datasheet HTML 29Page - Espros Photonics corp EPC600 Datasheet HTML 30Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
4. Optical Design Considerations
This section summarizes some parameters that are of importance when designing the optical system of a TOF sensor.
Photosensitive area
The photosensitive area is the optical area which has to be well (full) covered by the receiver optics. This is the relevant surface for calcu -
lating the light sensitivity of the chip. It is also the relevant area for object detection without any gaps. For more details refer to chapter
1.3.4.: Quality of the measurement result.
Note:
Measurement values are reliable only if the object covers the entire photosensitive area. Measurement values are average values over the
sensor array's 64 pixels. Refer to the epc600 Handbook.
Signal sensitivity
The signal sensitivity is defined by the minimum and maximum detectable AC modulation signal (reflected light). It is defined by the light
power (Watt/m2) in relation to:
■ the photo-sensitive area of the sensor.
■ the operating integration time tINT .
■ the operating wavelength λ.
■ the angle of incidence (or reflectance of the sensor surface). Refer to Figure 3.
It is independent of
■ the modulation frequency
Ambient-light suppression
The ability to suppress DC or low-frequency modulation parts of the received light signal. It is defined by the light power (Watt/m 2) in rela-
tion to:
■ the photo-sensitive area of the sensor.
■ the operating integration time tINT.
■ the operating wavelength λ.
■ the angle of interest (or reflectance of the sensor surface). Refer to Figure 3.
Refer also to chapter 1.3.3.: Ambient-light suppression.
Operating range
The maximum non-ambiguity distance is < 15m for a modulation frequency of 10MHz @ the pin LED. It is given by the modulation fre-
quency and the speed of light.
The operating range (dynamic range) of the epc600 receiver for a certain illumination level is given by the photosensor and its electronics:
■ the AC signal sensitivity for the modulated light.
■ the capability of the ambient-light suppression.
■ the level of illumination.
Depending on the optical design, these ranges do not match. The optical engineer has to plan the optical design and the light power in a
way that matches the application best.
For more detailed information refer to epc's application note AN02 - Reflected power calculation.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
29 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com