Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
Rev. 1.11
48
April 11, 2017
Rev. 1.11
49
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
I/O Port Control Register
EachPorthasitsowncontrolregister,knownasPAC,whichcontrolstheinput/outputconfiguration.
Withthiscontrolregister,eachI/Opinwithorwithoutpull-highresistorscanbereconfigured
dynamicallyundersoftwarecontrol.FortheI/Opintofunctionasaninput,thecorrespondingbitof
thecontrolregistermustbewrittenasa“1”.Thiswillthenallowthelogicstateoftheinputpinto
bedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa“0”,
theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructions
canstillbeusedtoreadtheoutputregister.
However,itshouldbenotedthattheprogramwillinfactonlyreadthestatusoftheoutputdatalatch
andnottheactuallogicstatusoftheoutputpin.
Pin-shared Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbutby
supplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Forthesepins,the
desiredfunctionofthemulti-functionI/Opinsisselectedbyaregisterviatheapplicationprogram
control.
Pin-shared Function Selection Registers
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.Thisdeviceincludespin-sharedfunctionselectionregister,
labeledasPSEL,whichcanselectthedesiredfunctionsofthemulti-functionpin-sharedpins.
Themostimportantpointtonoteistomakesurethatthedesiredpin-sharedfunctionisproperly
selectedandalsodeselected.Toselectthedesiredpin-sharedfunction,thepin-sharedfunction
shouldfirstbecorrectlyselectedusingthecorrespondingpin-sharedcontrolregister.Afterthatthe
correspondingperipheralfunctionalsettingshouldbeconfiguredandthentheperipheralfunction
canbeenabled.Tocorrectlydeselectthepin-sharedfunction,theperipheralfunctionshouldfirstbe
disabledandthenthecorrespondingpin-sharedfunctioncontrolregistercanbemodifiedtoselect
otherpin-sharedfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com