Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Rev. 1.11
42
April 11, 2017
Rev. 1.11
43
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
PullingtheRESPinlowusingexternalhardwarewillalsoexecuteadevicereset.Inthiscase,asin
thecaseofotherresets,theProgramCounterwillresettozeroandprogramexecutioninitiatedfrom
thispoint.
Internal Reset
tRSTD+tSST
RES
0.9VDD
0.4VDD
Note:tRSTDispower-ondelaywithtypicaltime=16.7ms
RES Reset Timing Chart
Thereisaninternalresetcontrolregister,RSTC,whichisusedtoprovidearesetwhenthedevice
operatesabnormallyduetotheenvironmentalnoiseinterference.IfthecontentoftheRSTCregister
issettoanyvalueotherthan01010101Bor10101010B,itwillresetthedeviceafter2~3fLIRCclock
cycles.Afterpowerontheregisterwillhaveavalueof01010101B.
RSTC7 ~ RSTC0 Bits
Reset Function
01010101B
I/O or other functions
10101010B
RES function
Any other value
Reset MCU
Reset Function Control
• RSTC Register
Bit
7
6
5
4
3
2
1
0
Name
RSTC7
RSTC6
RSTC5
RSTC4
RSTC3
RSTC2
RSTC1
RSTC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit7~0
RSTC7~RSTC0:Resetfunctioncontrol
01010101:I/Oorotherfunctions
10101010:RESfunction
Othervalues:ResetMCU
Ifthesebitsarechangedduetoadverseenvironmentalconditions,themicrocontroller
willbereset.Theresetoperationwillbeactivatedafter2~3LIRCclockcyclesand
theRSTFbitintheSMOD1registerwillbesetto1.Allresetwillresetthisregisteras
PORvalueexcepttheWDTtime-outreset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com