Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Rev. 1.11
54
April 11, 2017
Rev. 1.11
55
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
IntheCompareMatchOutputMode,theCTIO1andCTIO0bitsdeterminehowthe
CTMoutputpinchangesstatewhenacomparematchoccursfromtheComparatorA.
TheCTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheCTMoutput
pinshouldbesetupusingtheCTOCbitintheCTMC1register.Notethattheoutput
levelrequestedbytheCTIO1andCTIO0bitsmustbedifferentfromtheinitialvalue
setupusingtheCTOCbitotherwisenochangewilloccurontheCTMoutputpinwhen
acomparematchoccurs.AftertheCTMoutputpinchangesstate,itcanberesettoits
initiallevelbychangingtheleveloftheCTONbitfromlowtohigh.
InthePWMMode,theCTIO1andCTIO0bitsdeterminehowtheCTMoutputpin
changesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytoonlychangethe
valuesoftheCTIO1andCTIO0bitsonlyaftertheCTMhasbeenswitchedoff.
UnpredictablePWMoutputswilloccuriftheCTIO1andCTIO0bitsarechanged
whentheCTMisrunning.
Bit3
CTOC:CTPOutputcontrol
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheCTMoutputpin.Itsoperationdependsupon
whetherCTMisbeingusedintheCompareMatchOutputModeorinthePWM
Mode.IthasnoeffectiftheCTMisintheTimer/CounterMode.IntheCompare
MatchOutputModeitdeterminesthelogicleveloftheCTMoutputpinbeforea
comparematchoccurs.InthePWMModeitdeterminesifthePWMsignalisactive
highoractivelow.
Bit2
CTPOL:CTPOutputpolaritycontrol
0:Non-inverted
1:Inverted
ThisbitcontrolsthepolarityoftheCTPoutputpin.WhenthebitissethightheCTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
CTMisintheTimer/CounterMode.
Bit1
CTDPX:CTMPWMduty/periodcontrol
0:CCRP–period;CCRA–duty
1:CCRP–duty;CCRA–period
ThisbitdetermineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
CTCCLR:CTMCounterClearconditionselection
0:CTMnComparatorPmatch
1:CTMnComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
CompactTMcontainstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeCTCCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheCTCCLRbitisnot
usedinthePWMMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com