Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
Rev. 1.11
78
April 11, 2017
Rev. 1.11
79
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV A,[m]
Move Data Memory to ACC
1
None
MOV [m],A
Move ACC to Data Memory
1Note
None
MOV A,x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clear bit of Data Memory
1Note
None
SET [m].i
Set bit of Data Memory
1Note
None
Branch Operation
JMP addr
Jump unconditionally
2
None
SZ [m]
Skip if Data Memory is zero
1Note
None
SZA [m]
Skip if Data Memory is zero with data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data Memory is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memory is not zero
1Note
None
SIZ [m]
Skip if increment Data Memory is zero
1Note
None
SDZ [m]
Skip if decrement Data Memory is zero
1Note
None
SIZA [m]
Skip if increment Data Memory is zero with result in ACC
1Note
None
SDZA [m]
Skip if decrement Data Memory is zero with result in ACC
1Note
None
CALL addr
Subroutine call
2
None
RET
Return from subroutine
2
None
RET A,x
Return from subroutine and load immediate data to ACC
2
None
RETI
Return from interrupt
2
None
Table Read Operation
TABRD [m]
Read table (specific page) to TBLH and Data Memory
2Note
None
TABRDC [m]
Read table (current page) to TBLH and Data Memory
2Note
None
TABRDL [m]
Read table (last page) to TBLH and Data Memory
2Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
Clear Data Memory
1Note
None
SET [m]
Set Data Memory
1Note
None
CLR WDT
Clear Watchdog Timer
1
TO, PDF
CLR WDT1
Pre-clear Watchdog Timer
1
TO, PDF
CLR WDT2
Pre-clear Watchdog Timer
1
TO, PDF
SWAP [m]
Swap nibbles of Data Memory
1Note
None
SWAPA [m]
Swap nibbles of Data Memory with result in ACC
1
None
HALT
Enter power down mode
1
TO, PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com