Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Rev. 1.11
18
April 11, 2017
Rev. 1.11
19
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
General Purpose Data Memory
Allmicrocontrollerprogramsrequireanareaofread/writememorywheretemporarydatacanbe
storedandretrievedforuselater.ItisthisareaofRAMmemorythatisknownasGeneralPurpose
DataMemory.ThisareaofDataMemoryisfullyaccessiblebytheuserprogramingforbothreading
andwritingoperations.Byusingthebitoperationinstructionsindividualbitscanbesetorreset
underprogramcontrolgivingtheuseralargerangeofflexibilityforbitmanipulationintheData
Memory.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue“00H”.
00H
IAR0
01H
MP0
02H
IAR1
03H
MP1
04H
05H
ACC
06H
PCL
07H
TBLP
08H
TBLH
09H
0AH
STATUS
0BH
0CH
0DH
0EH
0FH
10H
INTC0
11H
12H
19H
PAPU
18H
PAWU
1BH
1AH
1DH
1CH
1FH
PA
PAC
13H
14H
15H
16H
17H
: Unused, read as 00H
TBC
1EH
EEC
Bank 0 ~ Bank 1
BP
SMOD
INTC1
WDTC
SMOD1
EEA
EED
20H
21H
22H
29H
28H
2BH
2AH
2DH
2CH
2FH
2EH
23H
24H
25H
26H
27H
30H
31H
32H
33H
34H
35H
36H
37H
RSTC
3FH
CTMC0
CTMC1
CTMDL
CTMDH
CTMAL
CTMAH
DACR
CMPC
DEBC
MUXC
PSEL
OPAC
OPGA
Bank 0 ~ Bank 1
Bank 1
40H
Speciap Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com