Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
Rev. 1.11
56
April 11, 2017
Rev. 1.11
57
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Counter Value
0x3FF
CCRP
CCRA
CTON
CTPAU
CTPOL
CCRP Int. flag
CTMPF
CCRA Int. flag
CTMAF
CTM O/P Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
CTCCLR = 0; CTM [1:0] = 00
Output pin set to
initial Level Low
if CTOC=0
Output Toggle with
CTMAF flag
Note CTIO [1:0] = 10
Active High Output select
Here CTIO [1:0] = 11
Toggle Output select
Output not affected by CTMAF
flag. Remains High until reset by
CTON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when CTPOL is high
Compare Match Output Mode – CTCCLR = 0
Note:1.WithCTCCLR=0,aComparatorPmatchwillclearthecounter
2.TheCTMoutputpincontrolledonlybyCTMAFflag
3.TheoutputpinisresettoitsinitialstatebyCTONbitrisingedge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com