Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Rev. 1.11
50
April 11, 2017
Rev. 1.11
51
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Compact Type Timer Module – CTM
Oneofthemostfundamentalfunctionsinanymicrocontrollerdevicesistheabilitytocontrol
andmeasuretime.ToimplementtimerelatedfunctionsthedeviceincludesoneTimerModule,
generallyabbreviatedtothenameTM.ThisTMisthesimplesttypeoftheTMswhichcontainsa
multi-purposetimingunit.AlthoughthesimplestformoftheTMtypes,theCompactTMtypestill
containsthreeoperatingmodes,whichareCompareMatchOutput,Timer/EventCounterandPWM
Outputmodes.TheCompactTMcanalsobecontrolledwithanexternalinputpinandcandriveone
externaloutputpin.
ThekeytounderstandinghowtheTMoperatesistoseeitintermsofafreerunningcount-up
counterwhosevalueisthencomparedwiththevalueofpre-programmedinternalcomparators.
Whenthefreerunningcount-upcounterhasthesamevalueasthepre-programmedcomparator,
knownasacomparematchsituation,aTMinterruptsignalwillbegeneratedwhichcanclearthe
counterandperhapsalsochangetheconditionoftheTMoutputpin.TheCTMhastwointerrupts,
oneforeachoftheinternalcomparatorAorcomparatorP,whichgenerateaTMinterruptwhen
acomparematchconditionoccurs.WhenaTMinterruptisgenerated,itcanbeusedtoclearthe
counterandalsotochangethestateoftheTMoutputpin.
TheinternalTMcounterisdrivenbyauserselectableclocksource,whichcanbeaninternal
clockoranexternalpin.Theselectionoftherequiredclocksourceisimplementedusingthe
CTCK2~CTCK0bitsintheCTMcontrolregisters.Theclocksourcecanbearatioofthesystem
clock,fSYS,ortheinternalhighclock,fH,thefSUBclocksourceortheexternalCTCKpin.TheCTCK
pinclocksourceisusedtoallowanexternalsignaltodrivetheTMasanexternalclocksourcefor
eventcounting.
TheTMoutputpincanbeselectedusingthecorrespondingpin-sharedfunctionselectionbits
describedinthePin-sharedFunctionsection.WhentheTMisintheCompareMatchOutputMode,
thesepinscanbecontrolledbytheTMtoswitchtoahighorlowlevelortotogglewhenacompare
matchsituationoccurs.TheexternalCTPoutputpinisalsothepinwheretheTMgeneratesthe
PWMoutputwaveform.AstheTMoutputpinsarepin-sharedwithotherfunctions,theTMoutput
functionmustfirstbesetupusingrelevantpin-sharedfunctionselectionregister.
CTM Core
CTM Input Pin
CTM Output Pin
10-bit CTM
CTCK
CTP
fSYS
fSYS/4
fH/64
fH/16
fSUB
CTCK
000
001
010
011
100
101
110
111
CTCK2~CTCK0
10-bit Count-up Counter
3-bit Comparator P
CCRP
b7~b9
b0~b9
10-bit Comparator A
CTON
CTPAU
Comparator A Match
Comparator P Match
Counter Clear 0
1
Output
Control
Polarity
Control
Pin
Control
CTP
CTOC
CTM1, CTM0
CTIO1, CTIO0
CTMAF Interrupt
CTMPF Interrupt
CTPOL
Pin-shared
control bit
CCRA
CTCCLR
fSUB
Compact Type TM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com