Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Rev. 1.11
14
April 11, 2017
Rev. 1.11
15
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthedevicethe
ProgramMemoryisFlashtype,whichmeansitcanbeprogrammedandre-programmedalarge
numberoftimes,allowingtheusertheconvenienceofcodemodificationonthesamedevice.
Byusingtheappropriateprogrammingtools,theseFlashdevicesofferuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Structure
TheProgramMemoryhasacapacityof1K×14bits.TheProgramMemoryisaddressedbythe
ProgramCounterandalsocontainsdata,tableinformationandinterruptentries.Tabledata,which
canbesetupinanylocationwithintheProgramMemory,isaddressedbyaseparatetablepointer
registers.
000H
004H
01CH
n00H
nFFH
Initialisation Vector
14 bits
Interrupt Vectors
Look-up Table
020H
3FFH
Program Memory Structure
Special Vectors
WithintheProgramMemory,certainlocationsarereservedfortheresetandinterrupts.Thelocation
000Hisreservedforusebythesedevicesresetforprograminitialisation.Afteradeviceresetis
initiated,theprogramwilljumptothislocationandbeginexecution.
Look-up Table
AnylocationwithintheProgramMemorycanbedefinedasalook-uptablewhereprogrammerscan
storefixeddata.Tousethelook-uptable,thetablepointermustfirstbesetupbyplacingtheaddress
ofthelookupdatatoberetrievedinthetablepointerregister,TBLPandTBHP.Theseregisters
definethetotaladdressofthelook-uptable.
Aftersettingupthetablepointer,thetabledatacanberetrievedfromtheProgramMemoryusing
the“TABRD[m]”or“TABRDL[m]”instructionsrespectively.Whentheinstructionisexecuted,
thelowerordertablebytefromtheProgramMemorywillbetransferredtotheuserdefined
DataMemoryregister[m]asspecifiedintheinstruction.Thehigherordertabledatabytefrom
theProgramMemorywillbetransferredtotheTBLHspecialregister.Anyunusedbitsinthis
transferredhigherorderbytewillbereadas“0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com