Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
Rev. 1.11
52
April 11, 2017
Rev. 1.11
53
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
CTMAL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
CTMCCRALowByteRegisterbit7~bit0
CTM10-bitCCRAbit7~bit0
CTMAH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas“0”
Bit1~0
CTMCCRAHighByteRegisterbit1~bit0
CTM10-bitCCRAbit9~bit8
CTMC0 Register
Bit
7
6
5
4
3
2
1
0
Name
CTPAU
CTCK2
CTCK1
CTCK0
CTON
CTRP2
CTRP1
CTRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
CTPAU:CTMCounterPausecontrol
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheCTMwillremainpowered
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain.
Bit6~4
CTCK2~CTCK0:SelectCTMCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:fSUB
110:CTCKrisingedgeclock
111:CTCKfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheCTM.Theexternalpin
clocksourcecanbechosentobeactiveontherisingorfallingedge.Theclocksource
fSYSisthesystemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhich
canbefoundintheoscillatorsection.
Bit3
CTON:CTMCounterOn/Offcontrol
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheCTM.Settingthebithighenables
thecountertorunwhileclearingthebitdisablestheCTM.Clearingthisbittozero
willstopthecounterfromcountingandturnofftheCTMwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.IftheCTMisin
theCompareMatchOutputModethentheCTMoutputpinwillberesettoitsinitial
condition,asspecifiedbytheCTOCbit,whentheCTONbitchangesfromlowtohigh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com