Electronic Components Datasheet Search
  English  ▼

X  

HT45F56 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Rev. 1.11
64
April 11, 2017
Rev. 1.11
65
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Comparators
Thedevicecontainsananalogcomparatorwhichoperateswiththe6-bitR-2RD/Aconverterand
operationalamplifierinapplications.Thesefunctionsofferflexibilityviathecorrespondingregisters
controlledfeaturessuchaspower-down,hysteresis,etc.InsharingtheirpinswithnormalI/Opins
thecomparatordoesnotwastepreciousI/Opinsiftheirfunctionsareotherwiseunused.
AD1
AD2
+
−
CMPEN
CMPOP
Debounce
Circuit
Debounce Interrupt
CMPHY[1:0]
Pin-shared
select
M
U
X
6-bit
D/A
DA[5:0]
CNSEL[1:0]
M
U
X
CPSEL[1:0]
SEN
OPA
GAS[3:0]
OPAEN
DSTAG[2:0]
Comparator Interrupt
Comparator Block Diagram
Comparator Operation
Thecomparatorfunctionsareusedtocomparetwoanalogvoltagesandprovideanoutputbasedon
theirinputdifference.Anypull-highresistorsconnectedtothesharedcomparatorinputpinswillbe
automaticallydisconnectedwhenthecorrespondingcomparatorfunctionalpinsareselected.Asthe
comparatorinputsapproachtheirswitchinglevel,somespuriousoutputsignalsmaybegenerated
onthecomparatoroutputduetotheslowrisingorfallingnatureoftheinputsignals.Thiscanbe
minimisedbythehysteresisfunction.Ideallythecomparatorshouldswitchatthepointwherethe
positiveandnegativeinputssignalsareatthesamevoltagelevel.However,unavoidableinput
offsetsintroducesomeuncertaintieshere.Thehysteresisfunction,ifenabled,willalsoincreasethe
switchingoffsetvalue.Thehysteresiswindowwillbechangedfordifferentselections.
Aninterruptwillbegeneratedwhenthecomparatoroutputchangesstatefromlowtohigh.Another
interruptwillbegeneratedwhenthecomparatoroutputrisingedgetransitionoccursandkeepsmore
thanacertaindebouncetimedeterminedbytheDSTAG2~DSTAG0bits.Ifthecomparatoroutput
risingedgetransitionoccursbutdoesnotkeepmorethanthespecificdebouncetime,thedebounce
circuitinterruptwillnotbegenerated.
Comparator Registers
Fullcontrolovertheinternalcomparatorisprovidedviathecontrolregisters,CMPC,MUXCand
DEBC.Thecomparatoroutputisrecordedviaabitintherespectivecontrolregister.Thecomparator
powerdowncontrolbit,CMPEN,isusedtocontroltheoverallcomparatorfunction.
Register
Name
Bit
7
6
5
4
3
2
1
0
CMPC
CMPOP
—
CMPHY1 CMPHY0
—
—
—
CMPEN
MUXC
—
—
CNSEL1 CNSEL0
—
—
CPSEL1 CPSEL0
DEBC
—
—
—
—
—
DSTAG2 DSTAG1 DSTAG0
Comparator Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com