Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 108Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 109Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 110Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 111Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 112Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 113Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 114Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 115Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 172 page
background image
Rev. 1.20
112
�a��� 2�� 201�
Rev. 1.20
113
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Counte� Value
CCRB
CCRA
ETON
ETPAU
ETAPOL
CCRB Int.
Flag ET�BF
CCRA Int.
Flag ET�AF
ETPA Pin
(ETAOC=1)
Time
Counte� stopped
by CCRA
Pause
Resume
Counte� Stops
by softwa�e
Counte� Reset
w�en ETON
�etu�ns �ig�
ETA� [1:0] = 10� ETB� [1:0] = 10;
ETAIO [1:0] = 11� ETBIO [1:0] = 11
Pulse Widt� set
by (CCRA-CCRB)
Output Inve�ts
w�en ETBPOL=1
ETCK pin
Softwa�e
T�igge�
Clea�ed by
CCRA mat��
ETCK pin
T�igge�
Auto. set by
ETCK pin
Softwa�e
T�igge�
Softwa�e
Clea�
Softwa�e
T�igge�
Softwa�e
T�igge�
ETBPOL
ETPA Pin
(ETAOC=0)
ETPB Pin
(ETBOC=1)
ETPB Pin
(ETBOC=0)
Pulse Widt�
set by CCRA
Output Inve�ts
w�en ETAPOL=1
ETM – Single Pulse Mode
Note:1.CounterstoppedbyCCRA
2.CCRPisnotused
3.ThepulsetriggeredbytheETCKpinorbysettingtheETONbithigh
4.AETCKpinactiveedgewillautomaticallysettheETONbithigh.
5.IntheSinglePulseMode,ETAIO[1:0]andETBIO[1:0]mustbesetto"11"andcannotbechanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com