Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 112Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 113Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 114Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 115Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 116Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 117Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 118Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 119Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 172 page
background image
Rev. 1.20
116
�a��� 2�� 201�
Rev. 1.20
117
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Software LCD Driver
ThedevicehasthecapabilityofdrivingexternalLCDpanels.ThesegmentpinsforLCD
driving,SEG0~SEG23,arepinsharedwithcertainpinsonthePA~PDports.TheLCDsignals,
SEG0~SEG23,aregeneratedusingtheapplicationprogram.
LCD Operation
AnexternalLCDpanelcanbedrivenusingthisdevicebyconfiguringthespecificpinsassegment
orcommonpins.TheLCDdriverfunctioniscontrolledusingtheSLCDCregisterwhichinaddition
tocontrollingtheoverallon/offfunctionalsocontrolsthebiascurrentselectionfunction.This
enablestheLCDSEGdrivertogeneratethenecessaryvoltagelevelsforLCD1/3biasoperation.
TheSLCDENbitintheSLCDCregisteristheoverallmastercontrolforthesoftwareLCDdriver.
However,thisbitisusedtogeneratetheLCDbiasvoltagelevelsandenablethespecificSEGpins
usedforLCDdrivingtogetherwiththecorrespondingpinsharedcontrolbits.NotethattheI/OPort
ontrolregisterdoesnotneedtofirstsetupthepinsasoutputstoenabletheLCDdriveroperation.
WhentheSLCDENbitissetto1andtheSEGnpinisconfiguredtooutputaSEG_Hlevelbythe
relevantpinsharedcontrolbits,thespecificSEGnpinwilloutputa2/3*VDDvoltage.However,the
specificSEGnpinwilloutputa1/3*VDDvoltageifthecorrespondingpinsharedcontrolbitssetthis
SEGnpintooutputaSEG_LlevelandtheSLCDENbitishigh.Refertothe"Pin-sharedFunctions"
sectionfordetailedpin-sharedcontroldefinitions.
SLCDEN
Pin shared Control Bits
Pin Function
Pin Voltage Level
1
10
SEG_L
1/3*VDD
1
11
SEG_H
2/3*VDD
SEG Pin Output Control
SLCD Bias and Pin Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com