Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 103 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 103 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 99Page - Cirrus Logic CS43130 Datasheet HTML 100Page - Cirrus Logic CS43130 Datasheet HTML 101Page - Cirrus Logic CS43130 Datasheet HTML 102Page - Cirrus Logic CS43130 Datasheet HTML 103Page - Cirrus Logic CS43130 Datasheet HTML 104Page - Cirrus Logic CS43130 Datasheet HTML 105Page - Cirrus Logic CS43130 Datasheet HTML 106Page - Cirrus Logic CS43130 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 137 page
background image
DS1073F1
103
CS43130
7.3 ASP and XSP Registers
7.3.13 XSP Numerator 2
Address 0x40021
R/W
76543210
XSP_N_MSB
Default
00000000
Bits
Name
Description
7:0
XSP_N_MSB The value in this register cannot be changed while the serial port is powered up.
XSP sample rate fractional divide numerator MSB. Along with XSP_M_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) XSP_N = 1
7.3.14 XSP Denominator 1
Address 0x40022
R/W
76543210
XSP_M_LSB
Default
00000010
Bits
Name
Description
7:0
XSP_M_LSB The value in this register cannot be changed while the serial port is powered up.
XSP sample rate fractional divide denominator LSB. Along with XSP_N_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) XSP_M = 2
7.3.15 XSP Denominator 2
Address 0x40023
R/W
76543210
XSP_M_MSB
Default
00000000
Bits
Name
Description
7:0 XSP_M_MSB The value in this register cannot be changed while the serial port is powered up.
XSP sample rate fractional divide denominator MSB. Along with XSP_N_MSB/LSB, selects the fractional divide value
for setting the SCLK frequency.
(Default) XSP_M = 2
7.3.16 XSP LRCK High Time 1
Address 0x40024
R/W
76543210
XSP_LCHI_LSB
Default
00011111
Bits
Name
Description
7:0
XSP_LCHI_
LSB
The value in this register cannot be changed while the serial port is powered up.
XSP LRCK high duration, in units of XSP_SCLK periods stored in XSP_LCHI_LSB/MSB. This value must be less than
XSP_LCPR.
(Default) XSP_LCHI = 31
7.3.17 XSP LRCK High Time 2
Address 0x40025
R/W
76543210
XSP_LCHI_MSB
Default
00000000
Bits
Name
Description
7:0
XSP_LCHI_
MSB
The value in this register cannot be changed while the serial port is powered up.
XSP LRCK high duration, in units of XSP_SCLK periods stored in XSP_LCHI_LSB/MSB. This value must be less than
XSP_LCPR.
(Default) XSP_LCHI = 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com