Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 106 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 106 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 102Page - Cirrus Logic CS43130 Datasheet HTML 103Page - Cirrus Logic CS43130 Datasheet HTML 104Page - Cirrus Logic CS43130 Datasheet HTML 105Page - Cirrus Logic CS43130 Datasheet HTML 106Page - Cirrus Logic CS43130 Datasheet HTML 107Page - Cirrus Logic CS43130 Datasheet HTML 108Page - Cirrus Logic CS43130 Datasheet HTML 109Page - Cirrus Logic CS43130 Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 137 page
background image
106
DS1073F1
CS43130
7.4 DSD Registers
7.4 DSD Registers
7.3.25 XSP Channel 1 and 2 Location
Address 0x60000, 0x60001
R/W
76543210
XSP_RX_CH1
XSP_RX_CH2
Default
00000000
Bits
Name
Description
7:0 XSP_RX_CHn XSP Rx channel n location. Sets the location in XSP_SCLK periods of the XSP Rx channel n from the start of the TDM
frame.
0x00 Start on SCLK 0
...
0xFF Start on SCLK 255
Defaults are 0x00.
7.3.26 XSP Channel 1 Size and Enable
Address 0x6000A
R/W
76543210
—
XSP_RX_CH1_
AP
XSP_RX_CH1_
EN
XSP_RX_CH1_RES
Default
00000110
7.3.27 XSP Channel 2 Size and Enable
Address 0x6000B
R/W
76543211
—
XSP_RX_CH2_
AP
XSP_RX_CH2_
EN
XSP_RX_CH2_RES
Default
00001110
Bits
Name
Description
7:4
—
Reserved
3
XSP_RX_
CHn_AP
XSP Rx channel n active phase. Valid only in 50/50 mode (XSP_5050 = 1).
0 (Default when n = 1) In 50/50 mode, channel data is input when LRCK/FSYNC is low
1 (Default when n = 2) In 50/50 mode, channel data is input when LRCK/FSYNC is high
2
XSP_RX_
CHn_EN
XSP Rx channel n enable. Configures the state of the data for the XSP on channel n. The same rule applies to CHx_EN.
0 Input channel data is not propagated to the internal data path
1 (Default) Input channel data is propagated to the internal data path
1:0
XSP_RX_
CHn_RES
XSP Rx channel n size (in bits). Sets the output resolution of the XSP Rx channel n samples.
00 8 bits per sample
01 16 bits per sample
10 (Default) 24 bits per sample
11 32 bits per sample
7.4.1
DSD Volume B
Address 0x70000
R/W
76543210
DSD_VOLUME_B
Default
01111000
Bits
Name
Description
7:0
DSD_
VOLUME_B
Digital volume control registers for DSD processor channel B. It allows independent control of the signal level in 1/2 dB
increments from 0 dB. Volume settings are decoded as shown below. The volume changes are dictated by the DSD_
SZC bit. The same condition applies to DSD_VOLUME_A setting.
0000 0000 0 dB
0000 0001 –0.5 dB
...
01111000 –60 dB (Default)
...
1111 1110 –127 dB
1111 1111 Digital mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com