Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 117 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 117 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 113Page - Cirrus Logic CS43130 Datasheet HTML 114Page - Cirrus Logic CS43130 Datasheet HTML 115Page - Cirrus Logic CS43130 Datasheet HTML 116Page - Cirrus Logic CS43130 Datasheet HTML 117Page - Cirrus Logic CS43130 Datasheet HTML 118Page - Cirrus Logic CS43130 Datasheet HTML 119Page - Cirrus Logic CS43130 Datasheet HTML 120Page - Cirrus Logic CS43130 Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 137 page
background image
DS1073F1
117
CS43130
7.6 Interrupt Status and Mask Registers
7.6.5
Interrupt Status 5
Address 0xF0004
R/O
76543210
DSD_STUCK_
INT
DSD_INVAL_
A_INT
DSD_INVAL_
B_INT
DSD_
SILENCE_A_
INT
DSD_
SILENCE_B_
INT
DSD_RATE_
ERROR_INT
DOP_MRK_
DET_INT
DOP_ON_INT
Default
00000000
Bits
Name
Description
7DSD_STUCK_
INT
At least one DSD input channel is stuck at 0 or 1.
0 Condition is not present
1 Condition is present
6
DSD_INVAL_
A_INT
Channel A input exceeds the max peak level of +3.1-dB SACD.
0 Condition is not present
1 Condition is present
5
DSD_INVAL_
B_INT
Channel B input exceeds the max peak level of +3.1-dB SACD.
0 Condition is not present
1 Condition is present
4DSD_
SILENCE_A_
INT
Channel A contains DSD silence pattern.
0 Condition is not present
1 Condition is present
3DSD_
SILENCE_B_
INT
Channel B contains DSD silence pattern.
0 Condition is not present
1 Condition is present
2DSD_RATE_
ERROR_INT
DSD data rate-related error is detected. The rate of the input DSD stream is not as described in DSD_SPEED setting.
0 Condition is not present
1 Condition is present
1DOP_MRK_
DET_INT
A valid sequence of DoP markers has been detected.
0 Condition is not present
1 Condition is present
0DOP_ON_INT The DoP decoder is powered up.
0 Condition is not present
1 Condition is present
7.6.6
Interrupt Mask 1
Address 0xF0010
R/W
76543210
DAC_OVFL_
INT_MASK
HPDETECT_
PLUG_INT_
MASK
HPDETECT_
UNPLUG_INT_
MASK
XTAL_READY_
INT_MASK
XTAL_
ERROR_INT_
MASK
PLL_READY_
INT_MASK
PLL_ERROR_
INT_MASK
PDN_DONE_
INT_MASK
Default
11111111
Bits
Name
Description
7
DAC_OVFL_
INT_MASK
DAC_OVFL_INT mask.
0 Unmasked
1 (Default) Masked
6
HPDETECT_
PLUG_INT_
MASK
HP_DETECT_PLUG_INT mask.
0 Unmasked
1 (Default) Masked
5
HPDETECT_
UNPLUG_
INT_MASK
HP_DETECT_UNPLUG_INT mask.
0 Unmasked
1 (Default) Masked
4XTAL_
READY_INT_
MASK
XTAL_READY_INT mask.
0 Unmasked
1 (Default) Masked
3XTAL_
ERROR_INT_
MASK
XTAL_ERROR_INT mask.
0 Unmasked
1 (Default) Masked
2
PLL_READY_
INT_MASK
PLL_READY_INT mask.
0 Unmasked
1 (Default) Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com