Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 113 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 113 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 109Page - Cirrus Logic CS43130 Datasheet HTML 110Page - Cirrus Logic CS43130 Datasheet HTML 111Page - Cirrus Logic CS43130 Datasheet HTML 112Page - Cirrus Logic CS43130 Datasheet HTML 113Page - Cirrus Logic CS43130 Datasheet HTML 114Page - Cirrus Logic CS43130 Datasheet HTML 115Page - Cirrus Logic CS43130 Datasheet HTML 116Page - Cirrus Logic CS43130 Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 137 page
background image
DS1073F1
113
CS43130
7.5 Headphone and PCM Registers
1
HPLOAD_AC_
START
HP load AC measurement trigger. A change from 0 to 1 initiates the measurement process. After the measurement
completes, this bit must be manually changed back to 0 before initiating another process.
(Default) HPLOAD_AC_START = 0
0HPLOAD_
DC_START
HP load DC measurement trigger. A change from 0 to 1 initiates the measurement process. After measurement
complete, this bit must be manually changed back to 0 before initiating another process.
(Default) HPLOAD_DC_START = 0
7.5.11 HP Load Measurement 1
Address 0xE0003
R/W
76543210
HPLOAD_MEAS_FREQ_LSB
Default
00000000
Bits
Name
Description
7:0
HPLOAD_
MEAS_
FREQ_LSB
LSB of HP load measurement frequency selection for AC detect (5.86 Hz/lsb when MCLK_INT = 24.576 MHz. 5.94 Hz/
lsb when MCLK_INT = 22.5792 MHz). Frequency range is 20 Hz to 20 kHz.
Default: 0000 0000
7.5.12 HP Load Measurement 2
Address 0xE0004
R/W
76543210
HPLOAD_MEAS_FREQ_MSB
Default
00000000
Bits
Name
Description
7:0
HPLOAD_
MEAS_
FREQ_MSB
MSB of HP load measurement frequency selection for AC detect (5.86 Hz/lsb when MCLK_INT = 24.576 MHz. 5.94 Hz/
lsb when MCLK_INT = 22.5792 MHz). Frequency range is 20 Hz to 20 kHz.
Default: 0000 0000
7.5.13 HP DC Load Status 0
Address 0xE000D
R/O
76543210
RL_DC_STAT_0
Default
00000000
Bits
Name
Description
7:0
RL_DC_
STAT_0
Byte 0 of HP DC load measured in
.RL_DC_STAT_1[7:0] and RL_DC_STAT_0[7:3] represent integer portion of
impedance value.
RL_DC_STAT_0[2:0] represent fractional portion, with fractional weighting as follows:
[2]: 0.5
[1]: 0.25
[0]: 0.125
Default: 0000000
7.5.14 HP DC Load Status 1
Address 0xE000E
R/O
76543210
RL_DC_STAT_1
Default
00000000
Bits
Name
Description
7:0
RL_DC_
STAT_1
Byte 1 of HP DC load measured in
.Refer to RL_DC_STAT_0 for details of measurement interpretation.
Default: 0000000
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com