Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 135 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 135 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 129Page - Cirrus Logic CS43130 Datasheet HTML 130Page - Cirrus Logic CS43130 Datasheet HTML 131Page - Cirrus Logic CS43130 Datasheet HTML 132Page - Cirrus Logic CS43130 Datasheet HTML 133Page - Cirrus Logic CS43130 Datasheet HTML 134Page - Cirrus Logic CS43130 Datasheet HTML 135Page - Cirrus Logic CS43130 Datasheet HTML 136Page - Cirrus Logic CS43130 Datasheet HTML 137Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 135 / 137 page
background image
DS1073F1
135
CS43130
10.2 42-Ball WLCSP Package Dimensions
10.2 42-Ball WLCSP Package Dimensions
Figure 10-2. 42-Ball WLCSP Package Drawing
Table 10-2. 42-Ball WLCSP Package Dimensions
Dimension
Millimeters
Minimum
Nominal
Maximum
A
0.461
0.491
0.521
A1
0.175
0.190
0.205
A2
0.286
0.301
0.316
A3
—
0.022
—
M—
2.000
—
N—
2.400
—
b
0.220
0.270
0.320
c
—
0.354
—
d
—
0.391
—
e—
0.400
—
X—
2.707
—
Y—
3.181
—
Notes: X/Y dimensions are estimates.
• Unless otherwise specified, tolerances are: Linear ±0.05 mm, Angular ±1 deg
Wafer Back Side
Side View
Bump Side
N
Y
A2
A1
b
M.
X
d
c
1
Ball A1
Ball A1
Location
Indicator
e
e.
A.
A3
Notes:
• Controlling dimensions are in millimeters.
• Dimensioning and tolerances per ASME Y 14.5M-1994.
• The Ball A1 position indicator is for illustration purposes only and may not be to scale.
• Dimension “b” applies to the solder sphere diameter and is measured at the midpoint between the package body and the seating plane
datum Z.
• Dimension A3 describes the thickness of the backside film.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com