Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 136 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 136 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 129Page - Cirrus Logic CS43130 Datasheet HTML 130Page - Cirrus Logic CS43130 Datasheet HTML 131Page - Cirrus Logic CS43130 Datasheet HTML 132Page - Cirrus Logic CS43130 Datasheet HTML 133Page - Cirrus Logic CS43130 Datasheet HTML 134Page - Cirrus Logic CS43130 Datasheet HTML 135Page - Cirrus Logic CS43130 Datasheet HTML 136Page - Cirrus Logic CS43130 Datasheet HTML 137Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 136 / 137 page
background image
136
DS1073F1
CS43130
11 Thermal Characteristics
11 Thermal Characteristics
Notes:
• Natural convection at the maximum recommended operating temperature TA (see Table 3-2)
• Four-layer, 2s2p PCB as specified by JESD51-9 and JESD51-11; dimensions: 101.5 x 114.5 x 1.6 mm
• Thermal parameters as defined by JESD51-12
12 Ordering Information
13 References
• NXP Semiconductors, The I2C-Bus Specification and User Manual (UM10204). http://www.nxp.com/
14 Revision History
Table 11-1. Typical JEDEC Four-Layer, 2s2p Board Thermal Characteristics
Parameter
Symbol
WLCSP
QFN
Units
Junction-to-ambient thermal resistance
JA
42.3
32.7
°C/W
Junction-to-board thermal resistance
JB
11.1
8.8
°C/W
Junction-to-case thermal resistance
JC
0.22
0.92
°C/W
Junction-to-board thermal-characterization parameter
JB
11.0
8.8
°C/W
Junction-to-package-top thermal-characterization parameter
JT
0.09
0.23
°C/W
Table 12-1. Ordering Information
Product
Description
Package
Halogen
Free
Pb Free
Grade
Temperature
Range
Container
Order Number
CS43130 130-dB, 32-Bit
High-Performance DAC
with Integrated
Headphone Driver and
Impedance Detection
42-ball
WLCSP
Yes
Yes
Commercial –10°C to +70°C Tape and Reel
CS43130-CWZR
40-pin
QFN
Yes
Yes
Commercial –10°C to +70°C
Tray
CS43130-CNZ
Tape and Reel
CS43130-CNZR
Table 14-1. Revision History
Revision
Changes
F1
DEC ‘16
Initial release
Important: Please check with your Cirrus Logic sales representative to confirm that you are using the latest revision of this document and to
determine whether there are errata associated with this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com