Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 47Page - Cirrus Logic WM8235 Datasheet HTML 48Page - Cirrus Logic WM8235 Datasheet HTML 49Page - Cirrus Logic WM8235 Datasheet HTML 50Page - Cirrus Logic WM8235 Datasheet HTML 51Page - Cirrus Logic WM8235 Datasheet HTML 52Page - Cirrus Logic WM8235 Datasheet HTML 53Page - Cirrus Logic WM8235 Datasheet HTML 54Page - Cirrus Logic WM8235 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 154 page
background image
WM8235
Rev 4.6
51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R104 (68h)
1:0
AGC_TARGETIN5
[9:8]
00
MSB of AGC target level for IN5
R105 (69h)
7:0
AGC_TARGETIN6
[7:0]
0000_0000
LSB of AGC target level for IN6
R106 (6Ah)
1:0
AGC_TARGETIN6
[9:8]
00
MSB of AGC target level for IN6
R191 (BFh)
7:0
PEAKDET_RISE
[7:0]
0000_0000
LSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R192 (C0h)
6:0
PEAKDET_RISE
[14:8]
000_0000
MSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R193 (C1h)
7:0
PEAKDET_FALL
[7:0]
0000_0000
LSB of PEAKDET_FALL[14:0]
peak detection start pixel count
R194 (C2h)
6:0
PEAKDET_FALL
[14:8]
000_0000
MSB of PEAKDET_FALL[14:0]
peak detection start pixel count
LINE-BY-LINE OPERATION
Certain linear sensors give colour output on a line-by-line basis. i.e. a full line of red pixels followed by
a line of green pixels followed by a line of blue pixels.
The WM8235 can accommodate this type of input by setting the LINEBYLINE register bit high. The
offset and gain values that are applied to every input channel can be selected, by internal
multiplexers, to come from IN7, IN8 or IN9 offset and gain registers. This allows the gain and offset
values for each of the input colours to be setup individually at the start of a scan.
When register bit ACYC=0 the gain and offset multiplexers are controlled via the INTM[1:0] register
bits. When INTM=00 the IN7 offset and gain control registers are used to control every input channel,
INTM=01 selects the IN8 offset and gain registers and INTM=10 selects the IN9 offset and gain
registers to control every input channel.
When register bit ACYC=1, ‘auto-cycling’ is enabled, and the input channel switches to the next offset
and gain registers in the sequence by TGSYNC. The sequence is IN7  IN8  IN9  IN7
… offset
and gain registers applied to every input channel.
AGAININ7, DGAININ7, DACIN7
AGAININ8, DGAININ8, DACIN8
AGAININ9, DGAININ9, DACIN9
INTM=00
INTM=01
INTM=10
Reserved
INTM=11
AGAININ7,
DGAININ7,
DACIN7
0
AGAININ8,
DGAININ8,
DACIN8
AGAININ8,
DGAININ8,
DACIN8
TGSYNC
LINEBYLINE 0x23[0]
IN1
LINEBYLINE
INTM Mode
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
AGAININ4, DGAININ4, DACIN4
AGAININ5, DGAININ5, DACIN5
AGAININ6, DGAININ6, DACIN6
IN2
IN3
IN4
IN5
IN6
Normal Operation
Normal Operation
INTM 0x23[3:2]
1
00
0
00
01
AGAININ9,
DGAININ9,
DACIN9
ACYC 0x23[1]
INTM Mode (depends on INTM register)
Auto Cycling mode (IN7 -> IN8 -> IN9)
ACYC=0
ACYC=1
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
AGAININ4, DGAININ4, DACIN4
AGAININ5, DGAININ5, DACIN5
AGAININ6, DGAININ6, DACIN6
AGAININ7, DGAININ7, DACIN7
AGAININ8, DGAININ8, DACIN8
AGAININ9, DGAININ9, DACIN9
IN7
IN8
IN9
AGAININ7, DGAININ7, DACIN7
AGAININ8, DGAININ8, DACIN8
AGAININ9, DGAININ9, DACIN9
Must be set to 0
01
11
Figure 33 Line-by-Line Operation (ACYC=0, INTM mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com