Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 82 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 78Page - Cirrus Logic WM8235 Datasheet HTML 79Page - Cirrus Logic WM8235 Datasheet HTML 80Page - Cirrus Logic WM8235 Datasheet HTML 81Page - Cirrus Logic WM8235 Datasheet HTML 82Page - Cirrus Logic WM8235 Datasheet HTML 83Page - Cirrus Logic WM8235 Datasheet HTML 84Page - Cirrus Logic WM8235 Datasheet HTML 85Page - Cirrus Logic WM8235 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
WM8235
82
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
Note: these settings are applicable for the specific
conditions.
x0 = normal filter
x1 = larger resistor to improve PLL cutoff freq (for SSC)
3:2
PLL_PFD_
CTRL[1:0]
10
Control reset delay to improve PFD sensitivity.
00 = 1ns delay
01 = 2.2ns delay
10 = 3.4ns delay (default)
11 = 5.8ns delay
1:0
PLL_CP_
GAIN[1:0]
01
Control Charge Pump current.
00 = 0.5uA
01 = 1uA (default)
10 = 2uA
11 = 4uA
Register 1Bh PLL control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R28 (1Ch)
PLL divider
control 1
6:4
PLL_EXDIV_
SEL[2:0]
001
Select EX DIV ratio.
Need to set according to input frequency. See details in
“PLL DLL Setup”
000 = 1
001 = 2
010 = 4
011 = 8
100 = 16
101 to 111 = reserved.
3:0
PLL_FBDIV_
SEL[3:0]
0100
Select FB DIV ratio. (ReadOnly)
0000 = 1
0001 = 2
0010 = 3
0011 = 4
0100 = 6
0101 = 8
0110 = 9
0111 = 12
1000 = 18
1001 to 1111 = reserved.
Register 1Ch PLL divider control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R29 (1Dh)
PLL divider
control 2
5:4
PLL_POSTDIV2
_SEL[1:0]
01
Select POST DIV2 ratio.
(Read Only)
00 = 1
01 = 2
10 = 4
11 = 6
3:0
PLL_POSTDIV1
_SEL[3:0]
0100
Select POST DIV1 ratio. (Read Only)
0000 = 1
0001 = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com