Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 64 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 60Page - Cirrus Logic WM8235 Datasheet HTML 61Page - Cirrus Logic WM8235 Datasheet HTML 62Page - Cirrus Logic WM8235 Datasheet HTML 63Page - Cirrus Logic WM8235 Datasheet HTML 64Page - Cirrus Logic WM8235 Datasheet HTML 65Page - Cirrus Logic WM8235 Datasheet HTML 66Page - Cirrus Logic WM8235 Datasheet HTML 67Page - Cirrus Logic WM8235 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 154 page
background image
WM8235
64
Rev 4.6
Notes:
1. OP_DRV is valid when 0x0D[3] DRV_CTRL set to 0.When DRV_CTRL set to 1, OP_DRV is
invalid, and drivability of output pin can be configured individually by 0x0E~0x13 OP*_DRV and
OC*_DRV.
2. This must be set when flag is used.
LVDS Output Configuration
Figure 52 shows the procedure for LVDS Output Configuration.
LVDS format configuration: LVDS format can be configured by this register. See
“Output Data
Format
” section for details of each format.
Data output order configuration: Data output order can be set by this register. See
“LVDS Data
Output Order
” section for details of output order.
LVDS amplitude configuration: This is LVDS signal amplitude configuration. The LVDS amplitude is
configured using the LVDS_AMP register field. Selections in the range 50mV to 200mV are supported.
Note that the default code (110) should not be used.
LVDS VCM level configuration: This is LVDS common mode voltage configuration.
LVDS DCLK pattern configuration: This is DCLK output pattern configuration.
Output flag configuration: Flag type can be selected from start flag or cannel ID. See
“Trigger Data”
and
“Channel ID” section for details of output flag. When this is not used, flag data (S~S4) will be
always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com