Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 62Page - Cirrus Logic WM8235 Datasheet HTML 63Page - Cirrus Logic WM8235 Datasheet HTML 64Page - Cirrus Logic WM8235 Datasheet HTML 65Page - Cirrus Logic WM8235 Datasheet HTML 66Page - Cirrus Logic WM8235 Datasheet HTML 67Page - Cirrus Logic WM8235 Datasheet HTML 68Page - Cirrus Logic WM8235 Datasheet HTML 69Page - Cirrus Logic WM8235 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 154 page
background image
WM8235
66
Rev 4.6
REGISTER MAP
The WM8235 can be configured using the Control Interface. All registers not listed and all unused bits should be set to '0'.
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset/Chip ID 1
SW_RESET_CHIP_ID[7:0]
35h
R1 (1h)
Chip ID 2
CHIP_ID[7:0]
82h
R2 (2h)
Chip Rev
0
0
0
0
CHIP_REV[3:0]
00h
R3 (3h)
Setup Reg 1
0
0
0
CHZPD
CHYPD
CHXPD
PDMD
PD
00h
R4 (4h)
Setup Reg 2
VVRLC_TOP_SEL PGAFS
ADCFS
0
0
0
CLPMD
CDS
40h
R5 (5h)
Setup Reg 3
0
0
0
SF_BYPLS
PT_SF[1:0]
SF_INP
SF_VRLC
1Ch
R6 (6h)
VRLC control
VRLCEN
VRLC_ISEL[1:0]
VRLC_VSEL[4:0]
8Ah
R7 (7h)
output control
OE_OP
OUTPD
CMOSMODE
OUTSYNC
LVDSORDER
LVDSMODE[2:0]
40h
R8 (8h)
LVDS control
0
LVDS_POL
LVDS_AMP[2:0]
LVDS_VCM[2:0]
35h
R9 (9h)
LVDS clock pattern
0
LVCKPAT[6:0]
63h
R10 (Ah) flag control 1
FLAG_S1[3:0]
FLAG_S0[3:0]
10h
R11 (Bh) flag control 2
FLAG_S3[3:0]
FLAG_S2[3:0]
00h
R12 (Ch) flag control 3
0
0
0
0
FLAG_S4[3:0]
00h
R13 (Dh) CMOS drivability control 1
0
0
0
0
DRV_CTRL
OP_DRV[2:0]
00h
R14 (Eh) CMOS drivability control 2
0
OP1_DRV[2:0]
0
OP0_DRV[2:0]
00h
R15 (Fh) CMOS drivability control 3
0
OP3_DRV[2:0]
0
OP2_DRV[2:0]
00h
R16 (10h) CMOS drivability control 4
0
OP5_DRV[2:0]
0
OP4_DRV[2:0]
00h
R17 (11h) CMOS drivability control 5
0
OP7_DRV[2:0]
0
OP6_DRV[2:0]
00h
R18 (12h) CMOS drivability control 6
0
OP9_DRV[2:0]
0
OP8_DRV[2:0]
00h
R19 (13h) CMOS drivability control 7
0
OC2_DRV[2:0]
0
OC1_DRV[2:0]
00h
R20 (14h) PG config
PGMARCH
PGPAT[1:0]
PGINV
SEL_PGZ
SEL_PGY
SEL_PGX
PGEN
00h
R21 (15h) PGCODE LSB
PGLEVEL[7:0]
00h
R22 (16h) PGCODE MSB
PGLEVEL[14:8]
00h
R23 (17h) PG width 1
PGWIDTH1[7:0]
00h
R24 (18h) PG width 2
PGWIDTH2[7:0]
00h
R25 (19h) clock monitor
0
0
0
0
0
MONCLK[2:0]
00h
R26 (1Ah) PLL control 1
0
0
0
0
0
PLL_LPF_RST PLL_CP_PD PLL_VCO_PD
00h
R27 (1Bh) PLL control 2
0
PLL_LPF_SEL
0
0
PLL_PFD_CTRL[1:0]
PLL_CP_GAIN[1:0]
09h
R28 (1Ch) PLL divider control 1
0
PLL_EXDIV_SEL[2:0]
PLL_FBDIV_SEL[3:0]
14h
R29 (1Dh) PLL divider control 2
0
0
PLL_POSTDIV2_SEL[1:0]
PLL_POSTDIV1_SEL[3:0]
14h
R35 (23h) Cycle mode control
0
0
0
0
INTM[1:0]
ACYC
LINBYLINE
00h
R36 (24h) DAC IN1
DACIN1[7:0]
80h
R37 (25h) DAC IN2
DACIN2[7:0]
80h
R38 (26h) DAC IN3
DACIN3[7:0]
80h
R39 (27h) DAC IN4
DACIN4[7:0]
80h
R40 (28h) DAC IN5
DACIN5[7:0]
80h
R41 (29h) DAC IN6
DACIN6[7:0]
80h
R42 (2Ah) DAC IN7
DACIN7[7:0]
80h
R43 (2Bh) DAC IN8
DACIN8[7:0]
80h
R44 (2Ch) DAC IN9
DACIN9[7:0]
80h
R45 (2Dh) AGAIN IN1
0
0
0
AGAININ1[4:0]
01h
R46 (2Eh) AGAIN IN2
0
0
0
AGAININ2[4:0]
01h
R47 (2Fh) AGAIN IN3
0
0
0
AGAININ3[4:0]
01h
R48 (30h) AGAIN IN4
0
0
0
AGAININ4[4:0]
01h
R49 (31h) AGAIN IN5
0
0
0
AGAININ5[4:0]
01h
R50 (32h) AGAIN IN6
0
0
0
AGAININ6[4:0]
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com