Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 25 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 21Page - Cirrus Logic WM8235 Datasheet HTML 22Page - Cirrus Logic WM8235 Datasheet HTML 23Page - Cirrus Logic WM8235 Datasheet HTML 24Page - Cirrus Logic WM8235 Datasheet HTML 25Page - Cirrus Logic WM8235 Datasheet HTML 26Page - Cirrus Logic WM8235 Datasheet HTML 27Page - Cirrus Logic WM8235 Datasheet HTML 28Page - Cirrus Logic WM8235 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 154 page
background image
WM8235
Rev 4.6
25
OUTPUT DATA FORMAT
The output from the WM8235 can be presented in several different formats under control of the
CMOSMODE and the LVDSMODE register. Depending on the output modes, maximum MCLK rate is
different as sown in Table 5.
MODES
DESCRIPTION
OUTPUT
DATA RATE
MAXIMUM
MCLK RATE
1
LVDS 10-bit 5pair
MCLK x21
23.3MSPS
2
LVDS 16-bit 5pair
MCLK x31.5
15.5MSPS
3
LVDS 10-bit 3pair
MCLK x31.5
14.0MSPS
4
LVDS 16-bit 3pair
MCLK x63
7MSPS
5
LVDS 12-bit 4pair
MCLK x31.5
14.0MSPS
6
CMOS 10-bit
MCLK x9
10MSPS
Table 5 Output Format and Data Rate
LVDS 10-BIT 5PAIR MODE
IN1
IN2
IN3
IN4
IN5
IN6
IN1
IN2
IN4
IN5
MCLK x1
MCLK x3
(ADCLK)
ADC1
ADC2
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
ADC3
H
H
L
L
L
H
H
MCLK x3 (OCLK)
MCLK x21 (LVCK)
A
H
H
L
L
L
H
H
B
H
H
L
L
L
H
H
C
IN7
IN8
IN9
IN7
IN8
IN9
IN3
IN6
IN9
D5
D4
D3
D2
D1
DCLK
A
D5
S0
S1
S2
IN1[0]
IN1[1]
IN1[2]
IN1[3]
D4
IN1[4]
IN1[5]
IN1[6]
IN1[7]
IN1[8]
IN1[9]
S3
D3
S4
IN2[0]
IN2[1]
IN2[2]
IN2[3]
IN2[4]
IN2[5]
D2
IN2[6]
IN2[7]
IN2[8]
IN2[9]
IN3[0]
IN3[1]
IN3[2]
D1
IN3[3]
IN3[4]
IN3[5]
IN3[6]
IN3[7]
IN3[8]
IN3[9]
DCLK
H
H
L
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com