Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 97 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 93Page - Cirrus Logic WM8235 Datasheet HTML 94Page - Cirrus Logic WM8235 Datasheet HTML 95Page - Cirrus Logic WM8235 Datasheet HTML 96Page - Cirrus Logic WM8235 Datasheet HTML 97Page - Cirrus Logic WM8235 Datasheet HTML 98Page - Cirrus Logic WM8235 Datasheet HTML 99Page - Cirrus Logic WM8235 Datasheet HTML 100Page - Cirrus Logic WM8235 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 154 page
background image
WM8235
Rev 4.6
97
Register 6Ah AGC target IN9 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R107 (6Bh)
AGC peak
level IN1
LSB
7:0
PEAK_IN1[7:0]
0000_0000
LSBs of detected peak level of IN1 (Read Only)
Register 6Bh AGC peak level IN1 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R108 (6Ch)
AGC peak
level IN1
MSB
1:0
PEAK_IN1[9:8]
00
MSBs of detected peak level of IN1 (Read Only)
Register 6Ch AGC peak level IN1 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R109 (6Dh)
AGC peak
level IN2
LSB
7:0
PEAK_IN2[7:0]
0000_0000
LSBs of detected peak level of IN2 (Read Only)
Register 6Dh AGC peak level IN2 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R110 (6Eh)
AGC peak
level IN2
MSB
1:0
PEAK_IN2[9:8]
00
MSBs of detected peak level of IN2 (Read Only)
Register 6Eh AGC peak level IN2 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R111 (6Fh)
AGC peak
level IN3
LSB
7:0
PEAK_IN3[7:0]
0000_0000
LSBs of detected peak level of IN3 (Read Only)
Register 6Fh AGC peak level IN3 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
AGC peak
level IN3
MSB
1:0
PEAK_IN3[9:8]
00
MSBs of detected peak level of IN3 (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com