Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 3Page - Cirrus Logic WM8235 Datasheet HTML 4Page - Cirrus Logic WM8235 Datasheet HTML 5Page - Cirrus Logic WM8235 Datasheet HTML 6Page - Cirrus Logic WM8235 Datasheet HTML 7Page - Cirrus Logic WM8235 Datasheet HTML 8Page - Cirrus Logic WM8235 Datasheet HTML 9Page - Cirrus Logic WM8235 Datasheet HTML 10Page - Cirrus Logic WM8235 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 154 page
background image
WM8235
Rev 4.6
7
PIN
NAME
TYPE
DESCRIPTION
47
AGND2
Supply
Analogue ground
48
AVDD2
Supply
Analogue supply
49
IN4
Analogue input
Analogue input 3
50
IN5
Analogue input
Analogue input 4
51
IN6
Analogue input
Analogue input 3
52
IN7
Analogue input
Analogue input 4
53
IN8
Analogue input
Analogue input 5
54
IN9
Analogue input
Analogue input 6
55
AVDD1
Supply
Analogue supply
56
AGND1
Supply
Analogue ground
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of
this device.
Cirrus Logic tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Analogue supply voltage: AVDD1-2, LDO1VDD-LDO2VDD, DBVDD
GND - 0.3V
GND + 5V
Analogue grounds: AGND1-3, LDO1GND-LDO2GND, DBGND
GND - 0.3V
GND + 0.3V
Analogue inputs (IN1-6)
GND - 0.3V
AVDD + 0.3V
Other Analogue pins
GND - 0.3V
AVDD + 0.3V
Digital I/O pins
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
-40C
+85C
Storage temperature prior to soldering
30C max / 85% RH max
Storage temperature after soldering
-65C
+150C
Notes:
1.
GND denotes the voltage of any ground pin.
2.
AGND, LDOGND and DBGND pins are intended to be operated at the same potential. Differential voltages
between these pins will degrade performance.
RECOMMENDED OPERATING CONDITIONS
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Operating temperature range
TA
-40
85
C
Analogue Supply voltage
AVDD1-2
LDO1VDD-
LDO2VDD
DBVDD
2.97
3.3
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com