Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 40 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 36Page - Cirrus Logic WM8235 Datasheet HTML 37Page - Cirrus Logic WM8235 Datasheet HTML 38Page - Cirrus Logic WM8235 Datasheet HTML 39Page - Cirrus Logic WM8235 Datasheet HTML 40Page - Cirrus Logic WM8235 Datasheet HTML 41Page - Cirrus Logic WM8235 Datasheet HTML 42Page - Cirrus Logic WM8235 Datasheet HTML 43Page - Cirrus Logic WM8235 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
WM8235
40
Rev 4.6
TG PULSE
WM8235 can be generated 8 TG pulse internally (PO0
– PO7). These pulses are generated by toggle
point setting register (TP*) and polarity setting register (POL*_PO*). WM8235 provided up to 32 toggle
point by using TP0 to TP31. PO0-PO7 signals can be assigned to CLK2-CLK8 by SEL_PCK* and
SEL_CLK* register.
TRIGGER DATA
WM8235 can implement trigger data in LVDS flag data (S0, S1, S2, S3 and S4). This can be selected
from two methods. One is FLAGPIX register, this can be set one pixel by each line. The other is to
apply PO* pulse. Figure 24 shows the trigger data implementation timing.
CHANNEL ID
Also WM8235 can implement channel identification data instead of trigger data. Table 12 shows the
matrix of input channel and channel ID.
ID[3]
ID[2]
ID[1]
ID[0]
IN1
0
0
0
1
IN2
0
0
1
0
IN3
0
0
1
1
IN4
0
1
0
0
IN5
0
1
0
1
IN6
0
1
1
0
IN7
0
1
1
1
IN8
1
0
0
0
IN9
1
0
0
1
Table 12 Channel ID
Channel ID can be assigned to flag data (S0, S1, S2, S3 or S4). The following is the example of
channel ID assignment.
Example: Assigned channel ID to flag data as ID[3]=S0, ID[2] =S1, ID[1]=S2, ID[0]=S3.
If output data is as follows, channel ID will be IN1. (i.e. ID[3]=S0=0, ID[2]=S1=0, ID[1]=S2=0,
ID[0]=S3=1)
A
D5
S0
S1
S2
IN1[0]
IN1[1]
IN1[2]
IN1[3]
D4
IN1[4]
IN1[5]
IN1[6]
IN1[7]
IN1[8]
IN1[9]
S3
D3
S4
IN2[0]
IN2[1]
IN2[2]
IN2[3]
IN2[4]
IN2[5]
D2
IN2[6]
IN2[7]
IN2[8]
IN2[9]
IN3[0]
IN3[1]
IN3[2]
D1
IN3[3]
IN3[4]
IN3[5]
IN3[6]
IN3[7]
IN3[8]
IN3[9]
DCLK
H
H
L
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com