Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 112 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 112 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 108Page - Cirrus Logic WM8235 Datasheet HTML 109Page - Cirrus Logic WM8235 Datasheet HTML 110Page - Cirrus Logic WM8235 Datasheet HTML 111Page - Cirrus Logic WM8235 Datasheet HTML 112Page - Cirrus Logic WM8235 Datasheet HTML 113Page - Cirrus Logic WM8235 Datasheet HTML 114Page - Cirrus Logic WM8235 Datasheet HTML 115Page - Cirrus Logic WM8235 Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 154 page
background image
WM8235
112
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
TG config 25
[2:0]
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
2:0
CYCPAT_PO6
[2:0]
000
PO6 cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3
Register B8h TG config 25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R185 (B9h)
clamp enable
rise LSB
7:0
CLAMP_RISE
[7:0]
0000_0000
LSBs of CLAMP_RISE
clamp enable pulse rise pixel
Register B9h clamp enable rise LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R186 (BAh)
clamp enable
rise MSB
6:0
CLAMP_RISE
[14:8]
000_0000
MSBs of CLAMP_RISE
clamp enable pulse rise pixel
Register BAh clamp enable rise MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R187 (BBh)
clamp enable
fall LSB
7:0
CLAMP_FALL
[7:0]
0000_0000
LSBs of CLAMP_FALL
clamp enable pulse fall pixel
Register BBh clamp enable fall LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R188 (BCh)
clamp enable
fall MSB
6:0
CLAMP_FALL
[14:8]
000_0000
MSBs of CLAMP_FALL
clamp enable pulse fall pixel
Register BCh clamp enable fall MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R189 (BDh)
OB start LSB
7:0
OB_START[7:0]
0000_0000
LSBs of OB_START
optical black calibration start pixel count
Register BDh OB start LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R190 (BEh)
OB start MSB
6:0
OB_START
[14:8]
000_0000
MSBs of OB_START
optical black calibration start pixel count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com