Electronic Components Datasheet Search
  English  ▼

X  

WM8235 Datasheet(PDF) 119 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 119 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 115Page - Cirrus Logic WM8235 Datasheet HTML 116Page - Cirrus Logic WM8235 Datasheet HTML 117Page - Cirrus Logic WM8235 Datasheet HTML 118Page - Cirrus Logic WM8235 Datasheet HTML 119Page - Cirrus Logic WM8235 Datasheet HTML 120Page - Cirrus Logic WM8235 Datasheet HTML 121Page - Cirrus Logic WM8235 Datasheet HTML 122Page - Cirrus Logic WM8235 Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 154 page
background image
WM8235
Rev 4.6
119
Register E5h Toggle point 11 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R230 (E6h)
Toggle point
11 MSB
7
EN_TP11
0
enable toggle point "TP11"
0 = disable "TP11" and all subsequent toggle point
1 = enable toggle point "TP11"
6:0
TP11[14:8]
000_0000
pixel count of toggle point "TP11"
Register E6h Toggle point 11 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R231 (E7h)
Toggle point
12 LSB
7:0
TP12[7:0]
0000_0000
pixel count of toggle point "TP12"
Register E7h Toggle point 12 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R232 (E8h)
Toggle point
12 MSB
7
EN_TP12
0
enable toggle point "TP12"
0 = disable "TP12" and all subsequent toggle point
1 = enable toggle point "TP12"
6:0
TP12[14:8]
000_0000
pixel count of toggle point "TP12"
Register E8h Toggle point 12 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R233 (E9h)
Toggle point
13 LSB
7:0
TP13[7:0]
0000_0000
pixel count of toggle point "TP13"
Register E9h Toggle point 13 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R234 (EAh)
Toggle point
13 MSB
7
EN_TP13
0
enable toggle point "TP13"
0 = disable "TP13" and all subsequent toggle point
1 = enable toggle point "TP13"
6:0
TP13[14:8]
000_0000
pixel count of toggle point "TP13"
Register EAh Toggle point 13 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R235 (EBh)
Toggle point
14 LSB
7:0
TP14[7:0]
0000_0000
pixel count of toggle point "TP14"
Register EBh Toggle point 14 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com